Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9959 Datasheet(PDF) 18 Page - STMicroelectronics

Part # L9959
Description  Single and dual PMOS high-side H-bridge
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L9959 Datasheet HTML 14Page - STMicroelectronics L9959 Datasheet HTML 15Page - STMicroelectronics L9959 Datasheet HTML 16Page - STMicroelectronics L9959 Datasheet HTML 17Page - STMicroelectronics L9959 Datasheet HTML 18Page - STMicroelectronics L9959 Datasheet HTML 19Page - STMicroelectronics L9959 Datasheet HTML 20Page - STMicroelectronics L9959 Datasheet HTML 21Page - STMicroelectronics L9959 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
Electrical specifications
L9959
18/49
DocID027540 Rev 2
Figure 8. Output disable and enable time (DIS Input)
N
Table 14. Current feedback (CF)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VCF (1)
CF voltage range
VS > 6.5 V, OUTx = 0 A,
TJ = -40 °C; Current
level 2,3,4
0.01
0.05
0.20
V
VS > 6.5 V, OUTx =
250mA, TJ = 130 °C;
Current level 2,3,4
0.04
0.275
0.5
V
VS > 6.5 V, OUTx = 0.4 *
Iclx, TJ = 130 °C; Current
level 2,3,4
1.71
1.80
1.89
V
VS > 6.5 V, OUTx = Iclx
TJ = -40°C to 150°C;
Current level 2,3,4
3.82
4.5
5.18
V
RCF(2)
CF resistor range
-
-
5.1
-
kΩ
IOFFSET
CF offset current
-
-
10
-
μA
1. Measured at a 5.1k resistor between CF and GND (RCF).
Levels see Table 34 Current Level (CONFIG_REG).
2. Defined by design, not tested.
Note: This signal has an individual error ±5 % in each of the three currents levels, at trimming temperature of 130 °C. Additional
an individual error ±10 % in each of the three current levels over temperature and aging. So the maximum error is of
±15 % in each of the three current levels. The offset and the gain errors may be different in each current level.
The adjustment is done at 130 °C and compensates the error corresponding to 0.4 * Iclx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com