Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9959S-TR Datasheet(PDF) 21 Page - STMicroelectronics

Part # L9959S-TR
Description  Single and dual PMOS high-side H-bridge
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9959S-TR Datasheet(HTML) 21 Page - STMicroelectronics

Back Button L9959S-TR Datasheet HTML 17Page - STMicroelectronics L9959S-TR Datasheet HTML 18Page - STMicroelectronics L9959S-TR Datasheet HTML 19Page - STMicroelectronics L9959S-TR Datasheet HTML 20Page - STMicroelectronics L9959S-TR Datasheet HTML 21Page - STMicroelectronics L9959S-TR Datasheet HTML 22Page - STMicroelectronics L9959S-TR Datasheet HTML 23Page - STMicroelectronics L9959S-TR Datasheet HTML 24Page - STMicroelectronics L9959S-TR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
DocID023416 Rev 6
21/43
L9959S, L9959T
Application information
4
Application information
4.1
Power stage switching behavior
The L9959 output stages can either be controlled by the pins PWM and DIR or by their
corresponding SPI registers (SPWM and SDIR: see Table 32: Configuration register
(CONFIG_REG)). The SPI bit MUX in the configuration register (CONFIG_REG)
determines this. If the power stages are disabled by /ABE or DIS, this bit is reset and the
pins PWM and DIR control the outputs.
The active free-wheeling, in which the body diode is actively shorted by its associated
Power-MOS, can be disabled by the bit FW in the configuration register. By default, active
free-wheeling is enabled.
The device minimizes electro-magnetic emission by switching the high-side and low-side
drivers in a special sequence. Two cases are distinguished: The PWM-mode, during which
the current direction does not change and the direction switch using the DIR, which changes
the current direction (see Figure 9, Figure 11 and Figure 12).
4.1.1
PWM mode (same current direction)
The PWM input pin switches the high-/low-side output of the half-bridge, which is selected
by the DIR pin. DIR = '0': OUT1 is switched, DIR = '1': OUT2 is switched.
PWM = '0': Switched low-side is on, PWM = '1': Switched high-side is on.
Figure 9. PWM mode current flow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com