Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LED1642GWTTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # LED1642GWTTR
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GWTTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LED1642GWTTR Datasheet HTML 4Page - STMicroelectronics LED1642GWTTR Datasheet HTML 5Page - STMicroelectronics LED1642GWTTR Datasheet HTML 6Page - STMicroelectronics LED1642GWTTR Datasheet HTML 7Page - STMicroelectronics LED1642GWTTR Datasheet HTML 8Page - STMicroelectronics LED1642GWTTR Datasheet HTML 9Page - STMicroelectronics LED1642GWTTR Datasheet HTML 10Page - STMicroelectronics LED1642GWTTR Datasheet HTML 11Page - STMicroelectronics LED1642GWTTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
Thermal characteristics
LED1642GW
8/42
DocID024395 Rev 6
3
Thermal characteristics
4
Electrical characteristics
VDD = 3.3 V, Tj = 25 °C, unless otherwise specified.
Table 3. Thermal characteristics
Symbol
Parameter
Value
Unit
Ta
Operative free-air temperature range(1)
-40 to +85
°C
TOPR
Operative junction temperature range
-40 to +125
TSTG
Storage ambient temperature range
-55 to +150
Rthj-amb
Thermal resistance junction-ambient
QFN-24(2)
30
°C/W
TSSOP24
85
TSSOP24EP(2)
37.5
QSOP-24
72
1.
This data must be considered in adequate power dissipation conditions, the junction temperature must be maintained
below 125 °C.
2.
The exposed pad should be soldered directly to the PCB to get the thermal benefits. The exposed pad can be attached to
a metal land electrically isolated or connected to ground.
Table 4. Electrical characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VDD
Supply voltage
3
5.5
V
VOUT
Output voltage
Out 0 - out 15
-
-
19
VIH
Input voltage
0.7 x VDD
-VDD
VIL
GND
-
0.3 x VDD
VOL
Serial data output voltage
(SDO)
VDD= 3 to 5.5 V
I = +/- 1 mA
--
0.4
VOH
VDD -0.4
-
-
IOleak
Output leakage current
VOUT = 19 V, all outputs OFF
-
-
0.5
µA
Vuvlo
UVLO threshold (rising)
2.7
2.9
V
UVLO threshold (falling)
2.2
2.3
Hyuvlo
UVLO hysteresis
400
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com