Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C02-DRMF8TP Datasheet(PDF) 26 Page - STMicroelectronics

Part # M24C02-DRMF8TP
Description  2-Kbit serial IC bus EEPROM - 105C operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C02-DRMF8TP Datasheet(HTML) 26 Page - STMicroelectronics

Back Button M24C02-DRMF8TP Datasheet HTML 22Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 23Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 24Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 25Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 26Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 27Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 28Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 29Page - STMicroelectronics M24C02-DRMF8TP Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 41 page
background image
Maximum rating
M24C02-DRE
26/41
DocID027420 Rev 1
7
Maximum rating
Stressing the device outside the ratings listed in Table 5 may cause permanent damage to
the device. These are stress ratings only, and operation of the device at these, or any other
conditions outside those indicated in the operating sections of this specification, is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 5. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
-
Ambient operating temperature
–40
130
°C
TSTG
Storage temperature
–65
150
°C
TLEAD
Lead temperature during soldering
see note (1)
1. Compliant with JEDEC Std J-STD-020D (for small body, Sn-Pb or Pb-free assembly), the ST
ECOPACK® 7191395 specification, and the European directive on Restrictions on Hazardous
Substances (RoHS directive 2011/65/EU of July 2011).
°C
VIO
Input or output range
–0.50
6.5
V
IOL
DC output current (SDA = 0)
-
5
mA
VCC
Supply voltage
–0.50
6.5
V
VESD
Electrostatic pulse (Human Body model)(2)
2. Positive and negative pulses applied on pin pairs, according to AEC-Q100-002 (compliant with
ANSI/ESDA/JEDEC JS-001-2012, C1=100 pF, R1=1500
Ω, R2=500 Ω).
-
4000
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com