Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64-DRMN3TP Datasheet(PDF) 15 Page - STMicroelectronics

Part # M24C64-DRMN3TP
Description  Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DRMN3TP Datasheet(HTML) 15 Page - STMicroelectronics

Back Button M24C64-DRMN3TP Datasheet HTML 11Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 12Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 13Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 14Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 15Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 16Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 17Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 18Page - STMicroelectronics M24C64-DRMN3TP Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
DocID023023 Rev 8
15/40
M24C64-A125
Instructions
39
4
Instructions
4.1
Write operations
For a Write operation, the bus master sends a Start condition followed by a device select
code with the R/W bit reset to 0. The device acknowledges this, as shown in Figure 5, and
waits for the master to send two address bytes (most significant address byte sent first,
followed by the least significant address byte (Table 3). The device responds to each
address byte with an acknowledge bit, and then waits for the data byte.
When the bus master generates a Stop condition immediately after a data byte Ack bit (in
the “10th bit” time slot), either at the end of a Byte Write or a Page Write, the internal Write
cycle tW is then triggered. A Stop condition at any other time slot does not trigger the internal
Write cycle.
During the internal Write cycle, Serial Data (SDA) is disabled internally, and the device does
not respond to any requests.
After the successful completion of an internal Write cycle (tW), the device internal address
counter is automatically incremented to point to the next byte after the last modified byte.
If the Write Control input (WC) is driven High, the Write instruction is not executed and the
accompanying data bytes are not acknowledged, as shown in Figure 6.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com