Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64T-FCU6T Datasheet(PDF) 13 Page - STMicroelectronics

Part # M24C64T-FCU6T
Description  64-Kbit serial IC bus EEPROM 4 balls CSP
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64T-FCU6T Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M24C64T-FCU6T Datasheet HTML 9Page - STMicroelectronics M24C64T-FCU6T Datasheet HTML 10Page - STMicroelectronics M24C64T-FCU6T Datasheet HTML 11Page - STMicroelectronics M24C64T-FCU6T Datasheet HTML 12Page - STMicroelectronics M24C64T-FCU6T Datasheet HTML 13Page - STMicroelectronics M24C64T-FCU6T Datasheet HTML 14Page - STMicroelectronics M24C64T-FCU6T Datasheet HTML 15Page - STMicroelectronics M24C64T-FCU6T Datasheet HTML 16Page - STMicroelectronics M24C64T-FCU6T Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
DocID028393 Rev 1
13/36
M24C64T-FCU
Device operation
35
4.5
Device addressing
To start communication between the bus master and the slave device, the bus master must
initiate a Start condition. Following this, the bus master sends the device select code, shown
in Table 2 (on Serial Data (SDA), most significant bit first).
The 8th bit is the Read/Write bit (RW). This bit is set to 1 for Read and 0 for Write operations.
If a match occurs on the device select code, the corresponding device gives an
acknowledgment on Serial Data (SDA) during the 9th bit time.
If the device does not match the device select code, the device deselects itself from the bus,
and goes into Standby mode (therefore will not acknowledge the device select code).
Table 2. Device select code
Device type identifier(1)
1. The most significant bit, b7, is sent first.
Chip Enable address
RW
b7
b6
b5
b4
b3
b2
b1
b0
101
0000
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com