Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M24C64-DRMF3TG Datasheet(PDF) 39 Page - STMicroelectronics

Part # M24C64-DRMF3TG
Description  Automotive 64-Kbit serial IC bus EEPROM with 1 MHz clock
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24C64-DRMF3TG Datasheet(HTML) 39 Page - STMicroelectronics

Back Button M24C64-DRMF3TG Datasheet HTML 32Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 33Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 34Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 35Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 36Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 37Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 38Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 39Page - STMicroelectronics M24C64-DRMF3TG Datasheet HTML 40Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
DocID023023 Rev 8
39/40
M24C64-A125
Revision history
39
11
Revision history
Table 17. Document revision history
Date
Revision
Changes
23-Apr-2012
1
Initial release.
30-Jul-2012
2
Updated (modes), Section 3.5: Device addressing, Section 4.1.3:
Write Identification Page, Section 4.1.4: Lock Identification Page,
Section 4.2.1: Random Address Read, Section 4.2.2: Current
Address Read and Section 4.2.4: Read Identification Page.
Added Table 5: Address significant bits.
Deleted Table 4: Most significant address byte and Table 5: Least
significant address byte.
05-Mar-2013
3
Document reformatted.
Document status changed from “Preliminary data” to “Production
data”.
Updated:
– Section 3.6: Identification page
– Section 6: Delivery state
–ICC, VIL and VRES values in Table 10: DC characteristics
25-Mar-2013
4
Updated ICC1 and VIL rows in Table 10: DC characteristics.
26-Jul-2013
5
Replaced MLP8 (MC) by WFDFPN8 (MF) package.
Updated note (1) under Table 5: Absolute maximum ratings.
05-Sep-2013
6
Updated the third waveform in Figure 12: AC waveforms.
11-Feb-2014
7
Changed Data retention from “40 years at 55 °C” to “50 years at
125 °C” in Features.
Updated Figure 15: WFDFPN8 (MLP8) - 8-lead ultra thin fine pitch
dual flat no lead, package outline.
16-Dec-2014
8
Updated:
– note 2 on Table 5.
– Figure 5 and note 2 on Figure 5
– Table 15 and Table 16
Added sentence related Engineering Sample on Section 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com