Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M34E04B Datasheet(PDF) 13 Page - STMicroelectronics

Part # M34E04B
Description  4-Kbit Serial Presence Detect EEPROM compatible
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M34E04B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M34E04B Datasheet HTML 9Page - STMicroelectronics M34E04B Datasheet HTML 10Page - STMicroelectronics M34E04B Datasheet HTML 11Page - STMicroelectronics M34E04B Datasheet HTML 12Page - STMicroelectronics M34E04B Datasheet HTML 13Page - STMicroelectronics M34E04B Datasheet HTML 14Page - STMicroelectronics M34E04B Datasheet HTML 15Page - STMicroelectronics M34E04B Datasheet HTML 16Page - STMicroelectronics M34E04B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
DocID028428 Rev 1
13/35
M34E04B
Device operation
34
The device responds to the address byte with an acknowledge bit, and then waits for the
data byte.
When the bus master generates a Stop condition immediately after a data byte Ack bit (in
the “10th bit” time slot), either at the end of a Byte write or a Page write, the internal memory
Write cycle is triggered. A Stop condition at any other time slot does not trigger the internal
Write cycle.
During the internal Write cycle, Serial Data (SDA) and Serial Clock (SCL) are ignored, and
the device does not respond to any requests.
3.6.1
Byte write
After the device select code and the address byte, the bus master sends one data byte. The
device replies with Ack. The bus master terminates the transfer by generating a Stop
condition, as shown in Figure 5.
Figure 5. Write mode sequences in a non write-protected area
3.6.2
Page write
The Page write mode allows up to 16 bytes to be written in a single Write cycle, provided
that they are all located in the same page in the memory: that is, the most significant
memory address bits are the same. If more bytes are sent than will fit up to the end of the
page, a condition known as ‘roll-over’ occurs. This should be avoided, as data starts to
become overwritten in an implementation dependent way.
The bus master sends from 1 to 16 bytes of data, each of which is acknowledged by the
device. After each byte is transferred, the internal byte address counter (the 4 least
significant address bits only) is incremented. The transfer is terminated by the bus master
generating a Stop condition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com