Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95020-DWDW3TP Datasheet(PDF) 11 Page - STMicroelectronics

Part # M95020-DWDW3TP
Description  Automotive 2-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-DWDW3TP Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M95020-DWDW3TP Datasheet HTML 7Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 8Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 9Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 10Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 11Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 12Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 13Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 14Page - STMicroelectronics M95020-DWDW3TP Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
DocID025284 Rev 5
11/41
M95020-A125 M95020-A145
Operating features
40
3.3
Hold mode
The Hold (HOLD) signal is used to pause any serial communications with the device without
resetting the clocking sequence.
The Hold mode starts when the Hold (HOLD) signal is driven low and the Serial Clock (C) is
low (as shown in Figure 4). During the Hold mode, the Serial Data output (Q) is high
impedance, and the signals present on Serial Data input (D) and Serial Clock (C) are not
decoded. The Hold mode ends when the Hold (HOLD) signal is driven high and the Serial
Clock (C) is or becomes low.
Figure 4. Hold mode activation
Deselecting the device while it is in Hold mode resets the paused communication.
3.4
Protocol control and data protection
3.4.1
Protocol control
The Chip Select (S) input offers a built-in safety feature, as the S input is edge-sensitive as
well as level-sensitive: after power-up, the device is not selected until a falling edge has first
been detected on Chip Select (S). This ensures that Chip Select (S) must have been high
prior to going low, in order to start the first operation.
For Write commands (WRITE, WRSR, WRID, LID) to be accepted and executed:
•
the Write Enable Latch (WEL) bit must be set by a Write Enable (WREN) instruction
•
a falling edge and a low state on Chip Select (S) during the whole command must be
decoded
•
instruction, address and input data must be sent as multiple of eight bits
•
the command must include at least one data byte
•
Chip Select (S) must be driven high exactly after a data byte boundary
Write command can be discarded at any time by a rising edge on Chip Select (S) outside of
a byte boundary.
To execute Read commands (READ, RDSR, RDID, RDLS), the device must decode:
•
a falling edge and a low level on Chip Select (S) during the whole command
•
instruction and address as multiples of eight bits (byte)
From this step, data bits are shifted out until the rising edge on Chip Select (S).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com