Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95020-DWMF4TG Datasheet(PDF) 14 Page - STMicroelectronics

Part # M95020-DWMF4TG
Description  Automotive 2-Kbit serial SPI bus EEPROMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95020-DWMF4TG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M95020-DWMF4TG Datasheet HTML 10Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 11Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 12Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 13Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 14Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 15Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 16Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 17Page - STMicroelectronics M95020-DWMF4TG Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 41 page
background image
Instructions
M95020-A125 M95020-A145
14/41
DocID025284 Rev 5
4
Instructions
Each command is composed of bytes (MSBit transmitted first), initiated with the instruction
byte, as summarized in Table 5.
If an invalid instruction is sent (one not contained in Table 5), the device automatically enters
a Wait state until deselected.
For read and write commands to memory array and Identification Page, the address is
defined by one byte as explained in Table 6.
Table 5. Instruction set
Instruction
Description
Instruction
format
WREN
Write Enable
0000 X110(1)
1. X = Don’t Care.
WRDI
Write Disable
0000 X100(1)
RDSR
Read Status Register
0000 X101(1)
WRSR
Write Status Register
0000 X001(1)
READ
Read from Memory Array
0000 X011
WRITE
Write to Memory Array
0000 X010
RDID
Read Identification Page
1000 0011
WRID
Write Identification Page
1000 0010
RDLS
Reads the Identification Page lock status.
1000 0011
LID
Locks the Identification page in read-only mode.
1000 0010
Table 6. Significant bits within the address bytes(1)
1. A: Significant address bit.
Instructions
Bit b3 of the
instruction
byte
Address byte
b7
b6
b5
b4
b3
b2
b1
b0
READ or WRITE
x
A7
A6
A5
A4
A3
A2
A1
A0
RDID or WRID
0
0
0
0
0
A3
A2
A1
A0
RDLS or LID
0
1
0
0
0
0
0
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com