Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95080-DRMN4TG Datasheet(PDF) 32 Page - STMicroelectronics

Part # M95080-DRMN4TG
Description  Automotive 8-Kbit serial SPI bus EEPROMs
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-DRMN4TG Datasheet(HTML) 32 Page - STMicroelectronics

Back Button M95080-DRMN4TG Datasheet HTML 28Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 29Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 30Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 31Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 32Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 33Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 34Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 35Page - STMicroelectronics M95080-DRMN4TG Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 42 page
background image
DC and AC parameters
M95080-A125 M95080-A145
32/42
DocID024205 Rev 8
Table 15. AC characteristics
Symbol
Alt.
Parameter
Min. Max. Min. Max. Min. Max.
Unit
Test
conditions
specified in
Table 11
Test
conditions
specified in
Table 10
and
Table 11
Test
conditions
specified in
Table 12
fC
fSCK Clock frequency
-
5
-
10
-
20
MHz
tSLCH
tCSS1 S active setup time
60
-
30
-
15
-
ns
tSHCH
tCSS2 S not active setup time
60
-
30
-
15
-
tSHSL
tCS
S deselect time
90
-
40
-
20
-
tCHSH
tCSH S active hold time
60
-
30
-
15
-
tCHSL
S not active hold time
60
-
30
-
15
-
tCH(1)
tCLH Clock high time
80
-
40
-
20
-
tCL(1)
tCLL Clock low time
80
-
40
-
20
-
tCLCH(2)
tRC
Clock rise time
-2-2-2
µs
tCHCL(2)
tFC
Clock fall time
-
2
-
2
-
2
tDVCH
tDSU Data in setup time
20
-
10
-
5
-
ns
tCHDX
tDH
Data in hold time
20
-
10
-
10
-
tHHCH
Clock low hold time after HOLD not active
60
-
30
-
15
-
tHLCH
Clock low hold time after HOLD active
60
-
30
-
15
-
tCLHL
Clock low set-up time before HOLD active
0-0-0
-
tCLHH
Clock low set-up time before HOLD not
active
0-0-0
-
tSHQZ(2)
tDIS
Output disable time
-
80
-
40
-
20
tCLQV(3)
tV
Clock low to output valid
-
80
-
40
-
20
tCLQX
tHO
Output hold time
0
-
0
-
0
-
tQLQH(2)
tRO
Output rise time
-
20
-
20
-
20
tQHQL(2)
tFO
Output fall time
-
20
-
20
-
20
tHHQV
tLZ
HOLD high to output valid
-
80
-
40
-
20
tHLQZ(2)
tHZ
HOLD low to output high-Z
-
80
-
40
-
20
tW
tWC
Write time
-4-4-4
ms
1. tCH + tCL must never be lower than the shortest possible clock period, 1/fC(max).
2. Value guaranteed by characterization, not 100% tested in production.
3. tCLQV must be compatible with tCL (clock low time): if tSU is the Read setup time of the SPI bus master, tCL must be equal to
(or greater than) tCLQV+tSU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com