Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M95640-DRMF8TP Datasheet(PDF) 31 Page - STMicroelectronics

Part # M95640-DRMF8TP
Description  64-Kbit serial SPI bus EEPROM - 105C operation
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95640-DRMF8TP Datasheet(HTML) 31 Page - STMicroelectronics

Back Button M95640-DRMF8TP Datasheet HTML 27Page - STMicroelectronics M95640-DRMF8TP Datasheet HTML 28Page - STMicroelectronics M95640-DRMF8TP Datasheet HTML 29Page - STMicroelectronics M95640-DRMF8TP Datasheet HTML 30Page - STMicroelectronics M95640-DRMF8TP Datasheet HTML 31Page - STMicroelectronics M95640-DRMF8TP Datasheet HTML 32Page - STMicroelectronics M95640-DRMF8TP Datasheet HTML 33Page - STMicroelectronics M95640-DRMF8TP Datasheet HTML 34Page - STMicroelectronics M95640-DRMF8TP Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 41 page
background image
DocID027381 Rev 1
31/41
M95640-DRE
DC and AC parameters
40
Table 12. DC characteristics (voltage range R, temperature range 8)
Symbol
Parameter
Test conditions
(in addition to conditions specified
in Table 10)
Min.
Max.
Unit
COUT(1) Output capacitance (Q)
VOUT = 0 V
-
8
pF
CIN(1)
Input capacitance
VIN = 0 V
-
6
ILI
Input leakage current
VIN = VSS or VCC
-2
µA
ILO
Output leakage current
S = VCC, VOUT = VSS or VCC
-3
ICC
Supply current (Read)
VCC = 1.8 V, C = 0.1 VCC/0.9 VCC,
Q = open, fC = 5 MHz
-2
mA
VCC = 2.5 V, C = 0.1 VCC/0.9 VCC,
Q = open, fC = 10 MHz
-2
VCC = 5.5 V, fC = 20 MHz(2)
C = 0.1 VCC/0.9 VCC, Q = open
-5
ICC0(3) Supply current (Write)
1.8 V
≤ VCC < 5.5 V during tW,
S = VCC
-2(1)
mA
ICC1
Supply current (Standby mode)
t° = 25 °C, VCC = 1.8 V,
S = VCC, VIN = VSS or VCC
-1
µA
t° = 25 °C, VCC = 2.5 V,
S = VCC, VIN = VSS or VCC
-2
t° = 25 °C, VCC = 5.5 V,
S = VCC, VIN = VSS or VCC
-3
t° = 105 °C, VCC = 1.8 V,
S = VCC, VIN = VSS or VCC
-5
t° = 105 °C, VCC = 2.5 V,
S = VCC, VIN = VSS or VCC
-5
t° = 105 °C, VCC = 5.5 V,
S = VCC, VIN = VSS or VCC
-10
VIL
Input low voltage
1.8 V
≤ VCC < 2.5 V
–0.45
0.25 VCC
V
2.5 V
≤ VCC < 5.5 V
–0.45
0.3 VCC
VIH
Input high voltage
1.8 V
≤ VCC < 2.5 V
0.75 VCC
VCC+ 1
V
2.5 V
≤ VCC < 5.5 V
0.7 VCC
VCC+ 1
VOL
Output low voltage
VCC = 1.8 V, IOL = 1 mA
-
0.3
V
VCC ≥ 2.5 V, IOL = 2 mA
-
0.4
VOH
Output high voltage
VCC = 1.8 V, IOH = 1 mA
0.8 VCC
-
V
VCC ≥ 2.5 V, IOH = -2 mA
0.8 VCC
-
VRES(1) Internal reset threshold voltage
-
0.5
1.5
V
1. Characterized only, not 100% tested.
2. When –40 °C < t° < 85 °C.
3. Average value during the Write cycle (tW).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com