Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RX95HF Datasheet(PDF) 7 Page - STMicroelectronics

Part # RX95HF
Description  Near field communication transceiver for tag emulation
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RX95HF Datasheet(HTML) 7 Page - STMicroelectronics

Back Button RX95HF Datasheet HTML 3Page - STMicroelectronics RX95HF Datasheet HTML 4Page - STMicroelectronics RX95HF Datasheet HTML 5Page - STMicroelectronics RX95HF Datasheet HTML 6Page - STMicroelectronics RX95HF Datasheet HTML 7Page - STMicroelectronics RX95HF Datasheet HTML 8Page - STMicroelectronics RX95HF Datasheet HTML 9Page - STMicroelectronics RX95HF Datasheet HTML 10Page - STMicroelectronics RX95HF Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
DocID023884 Rev 3
7/44
RX95HF
Pin and signal descriptions
7
14
IRQ_OUT
O (4)
Interrupt output
15
SPI_SS
I (5)
SPI Slave Select (active low)
16
SPI_MISO
O (5)
SPI Data, Slave Output
17
SPI_MOSI
I (5)
SPI Data, Slave Input (5)
18
SPI_SCK
I (6)
SPI serial clock
19
SSI_0
I (5)
Select serial communication
interface
20
SSI_1
I (5)
Select serial communication
interface
21
ST_R1
I (7)
ST Reserved
22
GND
P
Ground (digital)
23
NC
Not connected
24
NC
Not connected
25
NC
Not connected
26
NC
Not connected
27
NC
Not connected
28
NC
Not connected
29
XIN
Crystal oscillator input
30
XOUT
Crystal oscillator output
31
GND_TX
P
Ground (RF drivers)
32
ST_R5
ST Reserved
1. I: Input, O: Output, and P: Power
2. Must add a capacitor to ground (~1 nF).
3. Pad internally connected to a Very Weak Pull-up to VPS.
4. Pad internally connected to a Weak Pull-up to VPS.
5. Must not be left floating.
6. Pad internally connected to a Weak Pull-down to GND.
7. Pad input in High Impedance. Must be connected to VPS.
Table 2. RX95HF pin descriptions (continued)
Pin
Pin name
Type(1)
Main function
Alternate function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com