Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST1L08SPU12R Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST1L08SPU12R
Description  800 mA ultra low drop, high PSRR voltage regulator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1L08SPU12R Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST1L08SPU12R Datasheet HTML 8Page - STMicroelectronics ST1L08SPU12R Datasheet HTML 9Page - STMicroelectronics ST1L08SPU12R Datasheet HTML 10Page - STMicroelectronics ST1L08SPU12R Datasheet HTML 11Page - STMicroelectronics ST1L08SPU12R Datasheet HTML 12Page - STMicroelectronics ST1L08SPU12R Datasheet HTML 13Page - STMicroelectronics ST1L08SPU12R Datasheet HTML 14Page - STMicroelectronics ST1L08SPU12R Datasheet HTML 15Page - STMicroelectronics ST1L08SPU12R Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
Typical characteristics
ST1L08
12/21
DocID026624 Rev 2
7
Typical characteristics
TJ = 25 °C, VIN = 1.5 V, VBIAS = 3.6 V, VOUT = VADJ, CIN = CBIAS
= 1 μF, COUT = 4.7 μF, VEN =
VBIAS, unless otherwise specified.
Figure 4: Output voltage vs. temperature
(adjustable, IOUT = 1 mA)
Figure 5: Output voltage vs. temperature
(fixed 3.3 V, IOUT = 1 mA)
Figure 6: Output voltage vs. temperature
(adjustable, IOUT = 800 mA)
Figure 7: Output voltage vs.temperature
(fixed 3.3 V, IOUT = 800 mA)
Figure 8: VIN line regulation vs. temperature
(adjustable)
Figure 9: VBIAS line regulation vs. temperature
(adjustable)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com