Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SR1-LARU Datasheet(PDF) 13 Page - STMicroelectronics

Part # SR1-LARU
Description  Integrated test mode
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR1-LARU Datasheet(HTML) 13 Page - STMicroelectronics

Back Button SR1-LARU Datasheet HTML 9Page - STMicroelectronics SR1-LARU Datasheet HTML 10Page - STMicroelectronics SR1-LARU Datasheet HTML 11Page - STMicroelectronics SR1-LARU Datasheet HTML 12Page - STMicroelectronics SR1-LARU Datasheet HTML 13Page - STMicroelectronics SR1-LARU Datasheet HTML 14Page - STMicroelectronics SR1-LARU Datasheet HTML 15Page - STMicroelectronics SR1-LARU Datasheet HTML 16Page - STMicroelectronics SR1-LARU Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
DocID026048 Rev 2
13/21
SR1
DC and AC parameters
21
8
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in Table 4: DC and AC characteristics are
derived from tests performed under the measurement conditions summarized in Table 3:
Operating and measurement conditions. Designers should check that the operating
conditions in their circuit match the operating conditions when relying on the quoted
parameters.
Table 3. Operating and measurement conditions
Symbol
Parameter
Value
Unit
VCC
Supply voltage
2.0 to 5.5
V
TA
Ambient operating temperature
-40 to +85
°C
tR, tF
Input rise and fall times
 5ns
Input pulse voltages
0.2 to 0.8 VCC
V
Input and output timing reference voltages
0.3 to 0.7 VCC
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com