Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STBB3JCC Datasheet(PDF) 8 Page - STMicroelectronics

Part # STBB3JCC
Description  2 A, high efficiency single inductor buck-boost DC-DC converter and high brightness WLED driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBB3JCC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STBB3JCC Datasheet HTML 4Page - STMicroelectronics STBB3JCC Datasheet HTML 5Page - STMicroelectronics STBB3JCC Datasheet HTML 6Page - STMicroelectronics STBB3JCC Datasheet HTML 7Page - STMicroelectronics STBB3JCC Datasheet HTML 8Page - STMicroelectronics STBB3JCC Datasheet HTML 9Page - STMicroelectronics STBB3JCC Datasheet HTML 10Page - STMicroelectronics STBB3JCC Datasheet HTML 11Page - STMicroelectronics STBB3JCC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical characteristics
STBB3JCC
8/27
DocID025425 Rev 5
5
Electrical characteristics
VIN = VINA = VEN = 3.6 V, VOUT = 3.3 V, CIN = 4x10 μF, COUT = 4 x 10 μF, CINA = 100 nF,
L1= 1.5
μH, TA = - 40 °C to 85 °C (unless otherwise specified; typical values are referred to
TA = 25 °C).
Table 6. Electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
General section
VIN
Input voltage range
1.8
5.5
V
Minimum input voltage
for the startup
IOUT = 600 mA, mode = VIN
1.8
1.9
V
VUVLO
Undervoltage lockout
threshold
VINA rising, IOUT = 100 mA
MODE = VIN;
1.5
1.6
1.7
V
VINA falling; IOUT = 100 mA
VMODE = VIN
1.4
1.5
1.6
Iq
Quiescent current VIN
and VINA
IOUT = 0 A VMODE = GND
50
µA
ISHDN
Shutdown current
VEN = GND
0.1
1
µA
VFB
Feedback voltage
VIN from 1.8 to 5.5 V
90
100
110
mV
fSW
Switching frequency
TA = 25 °C
1.8
2
2.2
MHz
Frequency range for
external synchronization
1.6
2.4
IOUT
Continuous output
current(1)
VIN from 1.8 to 5.5 V
600
mA
ISWL
Switch current limitation
TA = 25 °C
2.8
3
3.65
A
IPK
Switch current limitation
2.3
2.5
2.7
A
IPS-PWM
PS to PWM transition
730
mA
PWM to PS transition
680
Output voltage
VOUT
Output voltage range
1.2
5.5
V
%
ΔOUT
Maximum load
regulation
VIN = 2.5 to 5.5 V,
VMODE = VIN
-1.5
+1.5
%
VIN = 2.5 to 5.5 V, VMODE =
GND suitable output current
to keep PS operation
-3
+3
%
%VOUT
Maximum load
regulation
ILOAD = from 10 mA to 800
mA
± 0.5
%
VOPP-PS
Peak-to-peak ripple in
PS mode
IOUT = 100 mA
100
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com