Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STD10NF30 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STD10NF30
Description  Very low intrinsic capacitances
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD10NF30 Datasheet(HTML) 3 Page - STMicroelectronics

  STD10NF30 Datasheet HTML 1Page - STMicroelectronics STD10NF30 Datasheet HTML 2Page - STMicroelectronics STD10NF30 Datasheet HTML 3Page - STMicroelectronics STD10NF30 Datasheet HTML 4Page - STMicroelectronics STD10NF30 Datasheet HTML 5Page - STMicroelectronics STD10NF30 Datasheet HTML 6Page - STMicroelectronics STD10NF30 Datasheet HTML 7Page - STMicroelectronics STD10NF30 Datasheet HTML 8Page - STMicroelectronics STD10NF30 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
DocID026136 Rev 1
3/16
STD10NF30
Electrical ratings
16
1
Electrical ratings
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
V
DS
Drain-source voltage
300
V
V
GS
Gate-source voltage
± 20
V
I
D
Drain current (continuous) at T
C
= 25 °C
10
A
I
D
Drain current (continuous) at T
C
= 100 °C
6.3
A
I
DM
(1)
1.
Pulse width limited by safe operating area
Drain current (pulsed)
40
A
P
TOT
Total dissipation at T
C
= 25 °C
103
W
dv/dt
(2)
2.
I
SD
≤ 10 A, di/dt ≤ 200 A/μs, V
DD
= 80% V
(BR)DSS
Peak diode recovery voltage slope
12
V/ns
T
stg
Storage temperature
- 55 to 175
°C
T
j
Max. operating junction temperature
°C
Table 3. Thermal data
Symbol
Parameter
Value
Unit
R
thj-case
Thermal resistance junction-case max
1.45
°C/W
R
thj-pcb
(1)
1.
When mounted on 1 inch² FR-4, 2 Oz copper board
Thermal resistance junction-pcb max
50
°C/W
Table 4. Thermal data
Symbol
Parameter
Value
Unit
I
AR
Avalanche current, repetitive or not-
repetitive (pulse width limited by T
j
max)
6A
E
AS
Single pulse avalanche energy
(starting T
j
= 25°C, I
D
= I
AR
, V
DD
= 50 V)
175
mJ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com