Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STH315N10F7-2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STH315N10F7-2
Description  Automotive-grade N-channel 100 V, 2.1 mΩ typ., 180 A STripFET™ F7 Power MOSFETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH315N10F7-2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STH315N10F7-2 Datasheet HTML 8Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 9Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 10Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 11Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 12Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 13Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 14Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 15Page - STMicroelectronics STH315N10F7-2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Package mechanical data
STH315N10F7-2, STH315N10F7-6
12/19
DocID025090 Rev 4
Figure 20. H²PAK-2 recommended footprint (dimensions are in mm)
8159712_C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com