Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STL220N3LLH7 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STL220N3LLH7
Description  High avalanche ruggedness
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL220N3LLH7 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STL220N3LLH7 Datasheet HTML 7Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 8Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 9Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 10Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 11Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 12Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 13Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 14Page - STMicroelectronics STL220N3LLH7 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Revision history
STL220N3LLH7
14/15
DocID024732 Rev 4
6
Revision history
Table 9. Document revision history
Date
Revision
Changes
04-Jun-2013
1
First release.
11-Jun-2013
2
– Changed:
Description
– Minor text changes
08-Nov-2013
3
– Modified: title, I
D
(Drain current (continuous) at T
pcb
= 100 °C),
P
TOT
(Total dissipation at T
C
and T
pcb
= 25 °C) and T
J
values in
Table 2, R
thj-case
value in
Table 3, V
(BR)DSS
and V
GS(th)
test
conditions, R
DS(on)
typical values, the entire typical values in
Table 5, 6, R
G
value in
Table 6, V
dd
and typical values in
Table 7
– Updated:
Section 4: Package mechanical data and Section 5:
Packaging mechanical data
08-May-2014
4
– Inserted: R
g
parameter in
Table 5
– Minor text changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com