Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPSC6H065 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPSC6H065
Description  650 V power Schottky silicon carbide diode
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC6H065 Datasheet(HTML) 1 Page - STMicroelectronics

  STPSC6H065 Datasheet HTML 1Page - STMicroelectronics STPSC6H065 Datasheet HTML 2Page - STMicroelectronics STPSC6H065 Datasheet HTML 3Page - STMicroelectronics STPSC6H065 Datasheet HTML 4Page - STMicroelectronics STPSC6H065 Datasheet HTML 5Page - STMicroelectronics STPSC6H065 Datasheet HTML 6Page - STMicroelectronics STPSC6H065 Datasheet HTML 7Page - STMicroelectronics STPSC6H065 Datasheet HTML 8Page - STMicroelectronics STPSC6H065 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This is information on a product in full production.
July 2015
DocID023247 Rev 6
1/14
STPSC6H065
650 V power Schottky silicon carbide diode
Datasheet
- production data
Features
• No reverse recovery charge in application
current range
• Switching behavior independent of
temperature
• Dedicated to PFC applications
• High forward surge capability
• Insulated package TO-220AC Ins:
– Insulated voltage: 2500 V rms
– Typical package capacitance: 7 pF
Description
The SiC diode is an ultrahigh performance power
Schottky diode. It is manufactured using a silicon
carbide substrate. The wide band gap material
allows the design of a Schottky diode structure
with a 650 V rating. Due to the Schottky
construction, no recovery is shown at turn-off and
ringing patterns are negligible. The minimal
capacitive turn-off behavior is independent of
temperature.
Especially suited for use in PFC applications, this
ST SiC diode will boost the performance in hard
switching conditions. Its high forward surge
capability ensures a good robustness during
transient phases.
Table 1. Device summary
Symbol
Value
IF(AV)
6 A
VRRM
650 V
Tj (max)
175 °C
www.st.com


Similar Part No. - STPSC6H065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC6H065BY-TR STMICROELECTRONICS-STPSC6H065BY-TR Datasheet
234Kb / 9P
Automotive 650 V power Schottky silicon carbide diode
13-Mar-2018
STPSC6H065DLF STMICROELECTRONICS-STPSC6H065DLF Datasheet
384Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
More results

Similar Description - STPSC6H065

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPSC10H065D STMICROELECTRONICS-STPSC10H065D Datasheet
122Kb / 9P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC20H065CW STMICROELECTRONICS-STPSC20H065CW Datasheet
111Kb / 8P
650 V power Schottky silicon carbide diode
10-Oct-2012
STPSC8H065D STMICROELECTRONICS-STPSC8H065D Datasheet
228Kb / 14P
650 V power Schottky silicon carbide diode
07-Jan-2014
STPSC4H065D STMICROELECTRONICS-STPSC4H065D Datasheet
178Kb / 10P
650 V power Schottky silicon carbide diode
November 2013 Rev 3
STPSC16H065C STMICROELECTRONICS-STPSC16H065C Datasheet
170Kb / 8P
650 V power Schottky silicon carbide diode
December 2015 Rev 5
STPSC12H065C STMICROELECTRONICS-STPSC12H065C Datasheet
170Kb / 8P
650 V power Schottky silicon carbide diode
10-Dec-2015
STPSC8H065DLF STMICROELECTRONICS-STPSC8H065DLF Datasheet
383Kb / 12P
650 V power Schottky silicon carbide diode
March 2021
STPSC20065 STMICROELECTRONICS-STPSC20065 Datasheet
631Kb / 13P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC8065 STMICROELECTRONICS-STPSC8065 Datasheet
503Kb / 9P
650 V power Schottky silicon carbide diode
July 2017 Rev 2
STPSC4H065DLF STMICROELECTRONICS-STPSC4H065DLF Datasheet
381Kb / 12P
650 V power Schottky silicon carbide diode
31-Mar-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com