Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ECMF04-4HSM10 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ECMF04-4HSM10
Description  Common mode filter with ESD protection for high speed serial interface
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF04-4HSM10 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ECMF04-4HSM10 Datasheet HTML 5Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 6Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 7Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 8Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 9Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 10Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 11Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 12Page - STMicroelectronics ECMF04-4HSM10 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID024844 Rev 2
11/13
ECMF04-4HSM10
Package information
13
Note:
Product marking may be rotated by multiples of 90° for assembly plant differentiation. In no
case should this product marking be used to orient the component for its placement on a
PCB. Only pin 1 mark is to be used for this purpose.
Figure 21. Tape and reel specifications
Figure 19. Footprint
Figure 20. Marking
0.20
0.50
0. 0
7
1.75
KK
Dot identifying Pin A1 location
User direction of unreeling
All dimensions are typical values in mm
4.0
4.0
2.0
Ø 1.55
0.65
1.55
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com