Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EMIF02-01OABRY Datasheet(PDF) 5 Page - STMicroelectronics

Part # EMIF02-01OABRY
Description  IPAD integrated low pass filter with ESD protection for BroadR Reach interface in automotive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF02-01OABRY Datasheet(HTML) 5 Page - STMicroelectronics

  EMIF02-01OABRY Datasheet HTML 1Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 2Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 3Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 4Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 5Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 6Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 7Page - STMicroelectronics EMIF02-01OABRY Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DocID028302 Rev 1
5/8
EMIF02-01OABRY
Package information
8
Table 3. QFN package mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
1. Values in inches are converted from mm and rounded to 4 decimal digits.
Typ.
Min.
Max.
Typ.
Min.
Max.
A
0.80
0.90
0.031
0.035
A1
0.00
0.05
0.000
0.002
A3
0.203
0.008
ϴ
0°
12°
0°
12°
b
0.45
0.55
0.018
0.022
D
2.95
3.05
0.116
0.120
E
2.95
3.05
0.116
0.120
e
2.21
0.88
L
0.85
0.95
0.33
0.37
N6
0.236
D2
0.60
0.80
0.024
0.031
E2
2.90
3.10
0.114
0.122
Figure 6. Footprint recommendations
(in mm)
Figure 7. Marking



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com