Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ESDA7P60 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ESDA7P60
Description  High power transient voltage suppressor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA7P60 Datasheet(HTML) 1 Page - STMicroelectronics

  ESDA7P60 Datasheet HTML 1Page - STMicroelectronics ESDA7P60 Datasheet HTML 2Page - STMicroelectronics ESDA7P60 Datasheet HTML 3Page - STMicroelectronics ESDA7P60 Datasheet HTML 4Page - STMicroelectronics ESDA7P60 Datasheet HTML 5Page - STMicroelectronics ESDA7P60 Datasheet HTML 6Page - STMicroelectronics ESDA7P60 Datasheet HTML 7Page - STMicroelectronics ESDA7P60 Datasheet HTML 8Page - STMicroelectronics ESDA7P60 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
This is information on a product in full production.
October 2015
DocID027044 Rev 3
1/10
ESDA7P60-1U1M
High power transient voltage suppressor
Datasheet
- production data
Features
• Low clamping voltage
• Typical peak pulse power:
– 700 W (8/20µs)
• Stand off voltage 5 V
• Unidirectional diode
• Low leakage current:
– 0.2 µA at 25 °C
• RoHS compliant
Complies with the following standards:
• IEC 61000-4-2 level 4
–
±30 kV (air discharge)
–
±30 kV (contact discharge)
Applications
Where transient overvoltage protection in ESD
sensitive equipment is required, such as:
• Portable multimedia, tablets, mobile phone,
smart phone
• USB VBUS protection
• Power supply protection
• Battery protection
Description
The ESDA7P60-1U1M is a unidirectional single
line TVS diode designed to protect the power line
against EOS and ESD transients.
The device is ideal for applications where high
power TVS and board space saving are required.
Figure 1. Pin configuration
www.st.com


Similar Part No. - ESDA7P60

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
ESDA7P60-1U1M TECHPUBLIC-ESDA7P60-1U1M Datasheet
1Mb / 4P
1-Line Uni-directional TVS Diode
More results

Similar Description - ESDA7P60

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MPZ5-16 MICROSEMI-MPZ5-16 Datasheet
111Kb / 2P
High Power Transient Voltage Suppressor and Zener
logo
STMicroelectronics
ESDA13P70-1U1M STMICROELECTRONICS-ESDA13P70-1U1M Datasheet
367Kb / 10P
High power transient voltage suppressor
03-Nov-2015
ESDA8P80-1U1M STMICROELECTRONICS-ESDA8P80-1U1M Datasheet
348Kb / 10P
High power transient voltage suppressor
02-Mar-2016
ESDA15P60-1U1M STMICROELECTRONICS-ESDA15P60-1U1M Datasheet
616Kb / 10P
High power transient voltage suppressor
27-Jul-2016
ESDA17P50-1U1M STMICROELECTRONICS-ESDA17P50-1U1M Datasheet
605Kb / 10P
High power transient voltage suppressor
25-Jul-2016
ESDA25P35-1U1M STMICROELECTRONICS-ESDA25P35-1U1M Datasheet
585Kb / 10P
High power transient voltage suppressor
28-Jul-2016
ESDA17P100-1U2M STMICROELECTRONICS-ESDA17P100-1U2M Datasheet
605Kb / 10P
High power transient voltage suppressor
14-Mar-2017
logo
New Jersey Semi-Conduct...
MPZ5-16 NJSEMI-MPZ5-16 Datasheet
88Kb / 1P
High Power Transient Voltage Suppressor and Zener
logo
STMicroelectronics
ESDA22P150-1U3M STMICROELECTRONICS-ESDA22P150-1U3M Datasheet
358Kb / 12P
High power transient voltage suppressor
24-May-2018
ESDA24P140-1U3M STMICROELECTRONICS-ESDA24P140-1U3M Datasheet
358Kb / 12P
High power transient voltage suppressor
22-May-2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com