Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HDMI2C1-6C1 Datasheet(PDF) 13 Page - STMicroelectronics

Part # HDMI2C1-6C1
Description  ESD protection and signal booster for HDMI source control stage interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HDMI2C1-6C1 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button HDMI2C1-6C1 Datasheet HTML 9Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 10Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 11Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 12Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 13Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 14Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 15Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 16Page - STMicroelectronics HDMI2C1-6C1 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
DocID025281 Rev 1
13/23
HDMI2C1-6C1
Electrical characteristics
23
3
Electrical characteristics
Table 3. Absolute maximum ratings (limiting values)
Symbol
Parameter
Test conditions
Value
Unit
Vpp_BUS
ESD discharge on HDMI BUS side (pin 8 to 16),
IEC 61000-4-2 level 4
Contact discharge
±8(1)
kV
Vpp_IC
ESD discharge (all pins), HBM
JESD22-A114D level 2 Contact discharge
±2
kV
Tstg
Storage temperature range
-55 to +150
°C
Top
Operating temperature range
-40 to +85
°C
TL
Maximum lead temperature
260
°C
VDD_5V
VDD_IC
VDD_CEC
VDD_CEC_IC
Supply voltages
6
V
Inputs
Logical input min/max voltage range
-0.3 to 6
V
1.
With a 100 nF capacitor connected to the 5V_OUT pin.
Table 4. Power supply characteristics (Tamb = 25 °C)
Symbol
Parameter
Test conditions
Min. Typ.
Max.
Unit
VDD_CEC
CEC supply voltage, bus side
2.97
3.3
3.63
V
VDD_CEC_IC CEC supply voltage, IC side
1.62
3.63
V
VDD_IC
Low-voltage ASIC supply voltage
1.62
3.63
V
VDD_5V
5 V input supply voltage range
4.9
5.0
5.3
V
VDD_5V_ON
(1) +5 V power on reset
3.5
3.8
4.1
V
VDD_CEC_ON CEC power on reset
2.6
2.8
2.95
V
IQS_5V
Quiescent currents on VDD_5V,
VDD_IC, VDD_CEC, VDD_CEC_IC
VDD_5V = 5V, VDD_IC = 1.8V,
VDD_CEC = 3.3V
VDD_CEC_IC = 1.8V
Idle-state on CEC and DDC links,
HPD and 5V_OUT links open
600
µA
IQS_IC
75
IQS_CEC
200
IQS_CEC_IC
40
Rth
Junction to ambient thermal
resistance
Copper heatsink as shown by
Figure 17
75
°C/W
TSD
Thermal Shutdown threshold
120
150
°C
PTOTAL_SB
Standby conditions
VDD_5V = VDD_IC = 0V
VDD_CEC = 3.3V
VDD_CEC_IC = 3.3V
0.8
mW
1.
In order to activate the DDC functional block, the 3 following conditions have to be met:
- VDD_5V has to reach the VDD_ON threshold
- The inputs and outputs of the bidirectional level shifter must be set to a high level after the power-on
- The HPD line has to be activated one time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com