Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FLC01-200B Datasheet(PDF) 1 Page - STMicroelectronics

Part # FLC01-200B
Description  Fire lighter circuit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLC01-200B Datasheet(HTML) 1 Page - STMicroelectronics

  FLC01-200B Datasheet HTML 1Page - STMicroelectronics FLC01-200B Datasheet HTML 2Page - STMicroelectronics FLC01-200B Datasheet HTML 3Page - STMicroelectronics FLC01-200B Datasheet HTML 4Page - STMicroelectronics FLC01-200B Datasheet HTML 5Page - STMicroelectronics FLC01-200B Datasheet HTML 6Page - STMicroelectronics FLC01-200B Datasheet HTML 7Page - STMicroelectronics FLC01-200B Datasheet HTML 8Page - STMicroelectronics FLC01-200B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
May 2014
DocID3616 Rev 7
1/11
11
FLC01
Fire lighter circuit
Datasheet
− production data
Features
• Dedicated thyristor structure for capacitance
discharge ignition operation
• High pulse current capability:
– 190 A at tp = 10 µs
• Fast turn-on operation
• Designed for high ambient temperature (up to
120° C)
Benefits
• Space saving thanks to monolithic function
integration
• High reliability with planar technology
Description
The FLC01 series has been especially developed
for capacitance discharge operation. The main
applications are gas lighters or ignitors such as
cookers / gas boilers / gas hobs...
It provides a fully integrated function, with high
performance and reliability levels, adapted to
severe and hot temperature environment.
– Th: Thyristor for switching operation
– Z: Zener diode to set the threshold voltage
– D: Diode for reverse conduction
– R: 2 k
Ω resistor
.
Figure 1. Functional diagram
IPA K
1
1
TA B
TA B
2
2
DPAK
3
3
Table 1. Device summary
Symbol
Value
Unit
IT(rms)
4A
VDRM, VRRM
600
V
IGT
5mA
Z
R
D
Th
pin 2
pin 1
* pin 3 non connected
www.st.com


Similar Part No. - FLC01-200B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FLC01-200B STMICROELECTRONICS-FLC01-200B Datasheet
128Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
FLC01-200B STMICROELECTRONICS-FLC01-200B Datasheet
115Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
FLC01-200B-TR STMICROELECTRONICS-FLC01-200B-TR Datasheet
128Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
FLC01-200B-TR STMICROELECTRONICS-FLC01-200B-TR Datasheet
115Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
More results

Similar Description - FLC01-200B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CHARLIE STMICROELECTRONICS-CHARLIE Datasheet
76Kb / 3P
CIGAR LIGHTER ADAPTER
Jan-2000
FLC01-200D STMICROELECTRONICS-FLC01-200D Datasheet
57Kb / 7P
FIRE LIGHTER CIRCUIT
Oct-1999
FLC02-200D STMICROELECTRONICS-FLC02-200D Datasheet
70Kb / 7P
FIRE LIGHTER CIRCUIT
Feb-1996
FLC10-200H STMICROELECTRONICS-FLC10-200H Datasheet
54Kb / 7P
FIRE LIGHTER CIRCUIT
Jun-2000
FLC21 STMICROELECTRONICS-FLC21 Datasheet
45Kb / 6P
LOW POWER FIRE LIGHTER CIRCUIT
Jun-2000
FLC01-200H STMICROELECTRONICS-FLC01-200H Datasheet
128Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
FLC10-200B STMICROELECTRONICS-FLC10-200B Datasheet
122Kb / 8P
FIRE LIGHTER CIRCUIT
Oct-2001
FLC01-200X STMICROELECTRONICS-FLC01-200X Datasheet
115Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
FLC21-135A STMICROELECTRONICS-FLC21-135A Datasheet
73Kb / 6P
LOW POWER FIRE LIGHTER CIRCUIT
Jul-2003
logo
SHENZHEN FUMAN ELECTRON...
FM7011GB FUMAN-FM7011GB Datasheet
236Kb / 4P
Electronic cigarette lighter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com