Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L9662TR Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9662TR
Description  Octal squib driver and quad Manchester/PSI5 encoded sensor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9662TR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9662TR Datasheet HTML 28Page - STMicroelectronics L9662TR Datasheet HTML 29Page - STMicroelectronics L9662TR Datasheet HTML 30Page - STMicroelectronics L9662TR Datasheet HTML 31Page - STMicroelectronics L9662TR Datasheet HTML 32Page - STMicroelectronics L9662TR Datasheet HTML 33Page - STMicroelectronics L9662TR Datasheet HTML 34Page - STMicroelectronics L9662TR Datasheet HTML 35Page - STMicroelectronics L9662TR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
Functional description
L9662
32/80
DocID028325 Rev 1
Figure 8. Driver activation timing diagram
Only the channels selected in the ARM and, directly following, the FIRE command will be
able to be activated.
By reading the appropriate registers a status of the deployment is provided. If a valid
Arm/Fire sequence has been provided the status flag will become active. This flag shall
remain active for as long as the TDEPLOY timer is counting. Depending on the state of the
FEN function the DEPLOY_STATUS flag will be active a minimum of TDEPLOY and a
maximum of 2 x TDEPLOY. If driver activation did occur (both a valid Arm/Fire sequence
and the appropriate FEN function active within the appropriate time) then the
DEPLOY_SUCCESS flag will be active. This flag will be active until cleared by software. If a
valid Arm/Fire sequence did occur but the FEN function was never activated within the
TDEPLOY time then the DEPLOY_SUCCESS flag will remain ‘0’.
During driver activation the respective high side (SQHx) and low side (SQLx) drivers will
turn on for tDEPLOY.
Device driver activation will not occur or, if firing is in process, will terminate under the
following conditions:
Power On Reset (POR)
IREF resistance is larger than RIREF_H or smaller than RIREF_L
Loss of ground condition on GND pin
The following conditions are ignored when driver activation is in-progress:
RESETB
Valid soft reset sequences
SPI1 commands except as noted below Response for ignored commands will be
0xD009
FEN function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com