Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSM6DS3HTR Datasheet(PDF) 58 Page - STMicroelectronics

Part # LSM6DS3HTR
Description  always-on 3D accelerometer and 3D gyroscope
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM6DS3HTR Datasheet(HTML) 58 Page - STMicroelectronics

Back Button LSM6DS3HTR Datasheet HTML 54Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 55Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 56Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 57Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 58Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 59Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 60Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 61Page - STMicroelectronics LSM6DS3HTR Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 104 page
background image
Register description
LSM6DS3H
58/104
DocID028370 Rev 4
9.15
CTRL4_C (13h)
Control register 4 (r/w).
9.16
CTRL5_C (14h)
Control register 5 (r/w).
Table 56. CTRL5_C register
Table 54. CTRL4_C register
XL_BW_
SCAL_ODR
SLEEP_G
INT2_on_
INT1
FIFO_
TEMP_EN
DRDY_
MASK
I2C_disable
3.3kHz_
ODR
STOP_ON
_FTH
Table 55. CTRL4_C register description
XL_BW_
SCAL_ODR
Accelerometer bandwidth selection. Default value: 0
(0(1): bandwidth determined by ODR selection, refer to Table 48;
1(2): bandwidth determined by setting BW_XL[1:0] in CTRL1_XL (10h) register.)
1. Filter used in high-performance mode only with ODR less than 3.33 kHz.
2. Filter used in high-performance mode only.
SLEEP_G
Gyroscope sleep mode enable. Default value: 0
(0: disabled; 1: enabled)
INT2_on_INT1
All interrupt signals available on INT1 pad enable. Default value: 0
(0: interrupt signals divided between INT1 and INT2 pads;
1: all interrupt signals in logic or on INT1 pad)
FIFO_TEMP_EN Enable temperature data as 4th FIFO data set(3). Default: 0
(0: disable temperature data as 4th FIFO data set;
1: enable temperature data as 4th FIFO data set)
3. This bit is effective if the TIMER_PEDO_FIFO_EN bit of FIFO_CTRL2 (07h) register is set to 0.
DRDY_MASK
Data-ready mask enable. If enabled, when switching from Power-Down to an
active mode, the accelerometer and gyroscope data-ready signals are masked
until the settling of the sensor filters is completed. Default value: 0
(0: disabled; 1: enabled)
I2C_disable
Disable I2C interface. Default value: 0
(0: both I2C and SPI enabled; 1: I2C disabled, SPI only)
3.3kHz_ODR
Enable 3.3 kHz in primary SPI interface.
(0: disable; 1: enable 3.3 kHz ODR for gyroscope part with full scale and high-
pass filter coherent with control registers setting).(4) (5)
4. FIFO and gyroscope low-power mode are not supported when this bit is set to ‘1’.
5. DataReady (pulsed or latched) is available on the INT1/INT2 pins.
STOP_ON_FTH
Enable FIFO threshold level use. Default value: 0.
(0: FIFO depth is not limited; 1: FIFO depth is limited to threshold level)
ROUNDING2 ROUNDING1 ROUNDING0 0(1)
1. This bit must be set to ‘0’ for the correct operation of the device
ST1_G
ST0_G
ST1_XL
ST0_XL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com