Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP34DT02TR Datasheet(PDF) 7 Page - STMicroelectronics

Part # MP34DT02TR
Description  MEMS audio sensor omnidirectional digital microphone
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MP34DT02TR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button MP34DT02TR Datasheet HTML 3Page - STMicroelectronics MP34DT02TR Datasheet HTML 4Page - STMicroelectronics MP34DT02TR Datasheet HTML 5Page - STMicroelectronics MP34DT02TR Datasheet HTML 6Page - STMicroelectronics MP34DT02TR Datasheet HTML 7Page - STMicroelectronics MP34DT02TR Datasheet HTML 8Page - STMicroelectronics MP34DT02TR Datasheet HTML 9Page - STMicroelectronics MP34DT02TR Datasheet HTML 10Page - STMicroelectronics MP34DT02TR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DocID026560 Rev 2
7/16
MP34DT02
Application recommendations
16
Power supply decoupling capacitors (100 nF ceramic, 10 µF ceramic) should be placed as
near as possible to pin 1 of the device (common design practice).
The L/R pin must be connected to Vdd or GND (refer to Table 5).
3.1
Timing characteristics
Figure 5. Timing waveforms
Table 5. Timing characteristics
Parameter
Description
Min
Max
Unit
fCLK
Clock frequency for normal mode
1
3.25
MHz
fPD
Clock frequency for power-down mode
0.23
MHz
TCLK
Clock period for normal mode
308
1000
ns
TR,EN
Data enabled on DATA line, L/R pin = 1
18(1)
1.
From design simulations
ns
TR,DIS
Data disabled on DATA line, L/R pin = 1
16(1)
ns
TL,EN
Data enabled on DATA line, L/R pin = 0
18(1)
ns
TL,DIS
Data disabled on DATA line, L/R pin = 0
16(1)
ns
High Z
High Z
High Z
High Z
T
L,EN
R,DIS
R,EN
T
L,DIS
T
T
T
CLK
AM045165v1
CLK
PDM R
PDM L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com