Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCT20N120 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SCT20N120
Description  Very high operating temperature capability
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SCT20N120 Datasheet(HTML) 4 Page - STMicroelectronics

  SCT20N120 Datasheet HTML 1Page - STMicroelectronics SCT20N120 Datasheet HTML 2Page - STMicroelectronics SCT20N120 Datasheet HTML 3Page - STMicroelectronics SCT20N120 Datasheet HTML 4Page - STMicroelectronics SCT20N120 Datasheet HTML 5Page - STMicroelectronics SCT20N120 Datasheet HTML 6Page - STMicroelectronics SCT20N120 Datasheet HTML 7Page - STMicroelectronics SCT20N120 Datasheet HTML 8Page - STMicroelectronics SCT20N120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Electrical characteristics
SCT20N120
4/13
DocID026413 Rev 4
2
Electrical characteristics
(TCASE = 25 °C unless otherwise specified).
Table 4. On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
IDSS
Zero gate voltage
drain current (VGS = 0)
VDS = 1200 V
VDS = 1200 V, TJ = 200 °C
50
100
µA
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = +22 /-10 V
100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 1 mA
2
3.5
V
RDS(on)
Static drain-source
on-resistance
VGS = 20 V, ID = 10 A
169
239
m
Ω
VGS = 20 V, ID = 10 A,
TJ = 150 °C
189
m
Ω
VGS = 20 V, ID = 10 A,
TJ = 200 °C
220
m
Ω
Table 5. Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Ciss
Input capacitance
VDS = 400 V, f = 1 MHz,
VGS = 0
-650
-
pF
Coss
Output capacitance
-
65
-
pF
Crss
Reverse transfer
capacitance
-14
-
pF
Qg
Total gate charge
VDD = 800 V, ID = 10 A,
VGS = 0 / 20 V
-45
-
nC
Qgs
Gate-source charge
-
7
-
nC
Qgd
Gate-drain charge
-
11.7
-
nC
Rg
Gate input resistance
f=1 MHz open drain
-
7
-
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com