Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7240CF Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7240CF
Description  High-Speed, Quad-Channel Digital Isolators
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7240CF Datasheet(HTML) 2 Page - Texas Instruments

  ISO7240CF_15 Datasheet HTML 1Page - Texas Instruments ISO7240CF_15 Datasheet HTML 2Page - Texas Instruments ISO7240CF_15 Datasheet HTML 3Page - Texas Instruments ISO7240CF_15 Datasheet HTML 4Page - Texas Instruments ISO7240CF_15 Datasheet HTML 5Page - Texas Instruments ISO7240CF_15 Datasheet HTML 6Page - Texas Instruments ISO7240CF_15 Datasheet HTML 7Page - Texas Instruments ISO7240CF_15 Datasheet HTML 8Page - Texas Instruments ISO7240CF_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 46 page
background image
ISO7240CF, ISO7240C, ISO7240M
ISO7241C, ISO7241M, ISO7242C, ISO7242M
SLLS868R – SEPTEMBER 2007 – REVISED SEPTEMBER 2015
www.ti.com
Table of Contents
Operation ................................................................ 16
1
Features .................................................................. 1
7.13
Typical Characteristics .......................................... 17
2
Applications ........................................................... 1
8
Parameter Measurement Information ................ 19
3
Description ............................................................. 1
9
Detailed Description ............................................ 22
4
Revision History..................................................... 2
9.1
Overview ................................................................. 22
5
Description (Continued) ........................................ 6
9.2
Functional Block Diagram ....................................... 22
6
Pin Configurations and Functions ....................... 7
9.3
Feature Description................................................. 23
7
Specifications......................................................... 8
9.4
Device Functional Modes........................................ 26
7.1
Absolute Maximum Ratings ..................................... 8
10
Application and Implementation........................ 27
7.2
ESD Ratings.............................................................. 8
10.1
Application Information.......................................... 27
7.3
Recommended Operating Conditions ....................... 8
10.2
Typical Application ................................................ 27
7.4
Thermal Information .................................................. 9
11
Power Supply Recommendations ..................... 33
7.5
Electrical Characteristics: VCC1 and VCC2 at 5-V
Operation .................................................................. 9
12
Layout................................................................... 33
7.6
Electrical Characteristics: VCC1 at 5-V, VCC2 at 3.3-V
12.1
Layout Guidelines ................................................. 33
Operation ................................................................. 10
12.2
Layout Example .................................................... 33
7.7
Electrical Characteristics: VCC1 at 3.3-V, VCC2 at 5-V
13
Device and Documentation Support ................. 34
Operation ................................................................. 11
13.1
Device Support...................................................... 34
7.8
Electrical Characteristics: VCC1 and VCC2 at 3.3 V
13.2
Documentation Support ........................................ 36
Operation ................................................................. 12
13.3
Related Links ........................................................ 36
7.9
Switching Characteristics: VCC1 and VCC2 at 5-V
13.4
Trademarks ........................................................... 36
Operation ................................................................. 13
13.5
Electrostatic Discharge Caution ............................ 36
7.10
Switching Characteristics: VCC1 at 5-V, VCC2 at 3.3-
V Operation ............................................................. 14
13.6
Glossary ................................................................ 36
7.11
Switching Characteristics: VCC1 at 3.3-V and VCC2
14
Mechanical, Packaging, and Orderable
at 5-V Operation....................................................... 15
Information ........................................................... 36
7.12
Switching Characteristics: VCC1 and VCC2 at 3.3-V
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision Q (January 2015) to Revision R
Page
•
Changed Features From: "Basic Isolation per DIN EN 60747-5-5 (VDE 0884-5) & DIN EN 61010-1" To:"Basic
Insulation per DIN V VDE V 0884-10 (VDE V 0884-10):2006-12" ......................................................................................... 1
•
Changed VCC1 To VCCI, VCC2 To VCCO, GND1 To GNDI, and GND2 To GNDO, and added Notes 1 and 2 to the
Simplified Schematic .............................................................................................................................................................. 1
•
Changed VOH MIN values From: VCC - 0.8 To: VCCO - 0.8 and VCC - 0.1 To: VCCO - 0.1 in the Electrical
Characteristics: VCC1 and VCC2 at 5-V
(2) Operation ............................................................................................................... 9
•
Changed VOH Test Condition ISO7240 To: 3.3-V side and the MIN value From: VCC - 0.4 To VCCO -0.4 in the
Electrical Characteristics: VCC1 at 5-V, VCC2 at 3.3-V
(3) Operation ....................................................................................... 10
•
Changed VOH Test Condition ISO724x (5-V side) To: 5-V side and the MIN value From: VCC - 0.8 To: VCCO - 0.8 in
the Electrical Characteristics: VCC1 at 5-V, VCC2 at 3.3-V
(3) Operation ................................................................................. 10
•
Changed VOH, Test Condition IOH = -20 µA MIN value From: VCC - 0.1 To VCCO - 0.1 in the Electrical Characteristics:
VCC1 at 5-V, VCC2 at 3.3-V
(3) Operation................................................................................................................................. 10
•
Changed VOH Test Condition ISO7240 To: 3.3-V side and the MIN value From: VCC - 0.4 To VCCO -0.4 in the
Electrical Characteristics: VCC1 at 3.3-V, VCC2 at 5-V
(4) Operation ....................................................................................... 11
•
Changed VOH Test Condition ISO724x (5-V side) To: 5-V side and the MIN value From: VCC - 0.8 To: VCCO - 0.8 in
the Electrical Characteristics: VCC1 at 3.3-V, VCC2 at 5-V
(4) Operation ................................................................................. 11
•
Changed VOH, Test Condition IOH = -20 µA MIN value From: VCC - 0.1 To VCCO - 0.1 in the Electrical Characteristics:
VCC1 at 3.3-V, VCC2 at 5-V
(4) Operation................................................................................................................................. 11
•
Changed VOH MIN values From: VCC - 0.4 To: VCCO - 0.4 and VCC - 0.1 To: VCCO - 0.1 in the Electrical
Characteristics: VCC1 and VCC2 at 3.3 V
(5) Operation ........................................................................................................... 12
•
Changed VCC1 To: VCCI and VCC2 To: VCCO in Figure 13 ...................................................................................................... 21
•
Changed section title From: DIN EN 60747-5-5 Insulation Characteristics To: DIN V VDE V 0884-10 (VDE V 0884-
2
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: ISO7240CF ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com