Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISO7220CD Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7220CD
Description  Dual Channel Digital Isolators
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7220CD Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO7220CD Datasheet HTML 10Page - Texas Instruments ISO7220CD Datasheet HTML 11Page - Texas Instruments ISO7220CD Datasheet HTML 12Page - Texas Instruments ISO7220CD Datasheet HTML 13Page - Texas Instruments ISO7220CD Datasheet HTML 14Page - Texas Instruments ISO7220CD Datasheet HTML 15Page - Texas Instruments ISO7220CD Datasheet HTML 16Page - Texas Instruments ISO7220CD Datasheet HTML 17Page - Texas Instruments ISO7220CD Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
ISO7220A, ISO7220B, ISO7220C, ISO7220M
ISO7221A, ISO7221B, ISO7221C, ISO7221M
SLLS755N – JULY 2006 – REVISED SEPTEMBER 2015
www.ti.com
Switching Characteristics, 3.3 V, 5 V (continued)
VCC1 at 3.3 V ± 10%, VCC2 at 5 V ± 10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO722xA
3
15
ISO722xB
0.6
3
tsk(o)
Channel-to-channel output skew (3)
ns
ISO722xC,
0.2
1
ISO722xM
tr
Output signal rise time
1
ns
See Figure 13
tf
Output signal fall time
1
ns
tfs
Failsafe output delay time from input power loss
See Figure 14
3
μs
150 Mbps PRBS NRZ data, 5-bit max same
polarity input, both channels, See Figure 16,
1
Figure 12
tjit(pp)
Peak-to-peak eye-pattern jitter
ISO722xM
ns
150 Mbps unrestricted bit run length data input,
2
both channels, See Figure 16
(3)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
6.14 Switching Characteristics, 3.3 V
VCC1 and VCC2 at 3.3 V ± 10% (over recommended operating conditions unless otherwise noted.)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH, tPHL
Propagation delay
290
400
485
ns
ISO722xA
PWD
Pulse-width distortion |tPHL – tPLH|
(1)
1
18
ns
tPLH, tPHL
Propagation delay
46
62
78
ns
ISO722xB
PWD
Pulse-width distortion |tPHL – tPLH|
(1)
1
4
ns
See Figure 13
tPLH, tPHL
Propagation delay
26
40
52
ns
ISO722xC
PWD
Pulse-width distortion |tPHL – tPLH|
(1)
1
3
ns
tPLH, tPHL
Propagation delay
8
16
25
ns
ISO722xM
PWD
Pulse-width distortion |tPHL – tPLH|
(1)
0.5
1
ns
ISO722xA
190
ISO722xB
17
tsk(pp)
Part-to-part skew(2)
ns
ISO722xC
10
ISO722xM
5
ISO722xA
3
15
ISO722xB
0.6
3
tsk(o)
Channel-to-channel output skew (3)
ns
ISO722xC,
0.2
1
ISO722xM
tr
Output signal rise time
2
ns
See Figure 13
tf
Output signal fall time
2
ns
tfs
Failsafe output delay time from input power loss
See Figure 14
3
μs
150 Mbps PRBS NRZ data, 5-bit max same
polarity input, both channels, See
1
Figure 16, Figure 12
tjit(pp)
Peak-to-peak eye-pattern jitter
ISO722xM
ns
150 Mbps unrestricted bit run length data
2
input, both channels, See Figure 16
(1)
Also referred to as pulse skew.
(2)
tsk(pp) is the magnitude of the difference in propagation delay times between any specified pins of two devices when both devices
operate with the same supply voltages, at the same temperature, and have identical packages and test circuits.
(3)
tsk(o) is the skew between specified outputs of a single device with all driving inputs connected together and the outputs switching in the
same direction while driving identical specified loads.
14
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: ISO7220A ISO7220B ISO7220C ISO7220M ISO7221A ISO7221B ISO7221C ISO7221M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com