Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STGIF5CH60TS-E Datasheet(PDF) 13 Page - STMicroelectronics

Part # STGIF5CH60TS-E
Description  3-phase inverters for motor drives
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIF5CH60TS-E Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STGIF5CH60TS-E Datasheet HTML 9Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 10Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 11Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 12Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 13Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 14Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 15Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 16Page - STMicroelectronics STGIF5CH60TS-E Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
DocID026577 Rev 2
13/22
STGIF5CH60TS-E
Fault management
22
Figure 6. Smart shutdown timing waveforms in case of overcurrent event
Note:
RON_OD=VOD/IOD see Table 9; RPD_SD (typ) =125 kΩ
GIPG120520141647FSR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com