Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GCS265 Datasheet(PDF) 1 Page - XP Power Limited

Part # GCS265
Description  AC-DC Power Supplies
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS265 Datasheet(HTML) 1 Page - XP Power Limited

  GCS265 Datasheet HTML 1Page - XP Power Limited GCS265 Datasheet HTML 2Page - XP Power Limited GCS265 Datasheet HTML 3Page - XP Power Limited GCS265 Datasheet HTML 4Page - XP Power Limited GCS265 Datasheet HTML 5Page - XP Power Limited GCS265 Datasheet HTML 6Page - XP Power Limited GCS265 Datasheet HTML 7Page - XP Power Limited GCS265 Datasheet HTML 8Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
The GCS265 Series has been designed to compliment the existing GCS Series products
with the addition of a 5 V/3 A standby
Approved for Class I and Class II applications, the GCS265 is packaged in a 3.5" x 5.0" x
1.43" package and achieves EN55011/22 Level B conducted emissions compliance whilst
maintaining very low earth leakage currents, making it suitable for a wide range of 1U and
other industrial, IT and medical applications.
Dimensions:
GCS265:
5.00 x 3.50 x 1.43” (127.0 x 88.8 x 36.3 mm)
GCS265-C:
5.50 x 4.01 x 1.72” (139.7 x 101.8 x 43.7 mm)
www.xppower.com
1
Models & Ratings
Output Voltage V1
Output Current V1
V Standby Output
V Fan Output
Max Output
Power
Model Number(1)
Convection-cooled
Forced-cooled
Convection-cooled
Forced-cooled
12.0 VDC
15.0 A
20.8 A
5.0 VDC/2.0 A
5.0 VDC/3.0 A
12.0 VDC/0.6 A
265 W
GCS265PS12
15.0 VDC
12.0 A
16.7 A
5.0 VDC/2.0 A
5.0 VDC/3.0 A
12.0 VDC/0.6 A
265 W
GCS265PS15
24.0 VDC
7.5 A
10.4 A
5.0 VDC/2.0 A
5.0 VDC/3.0 A
12.0 VDC/0.6 A
265 W
GCS265PS24
28.0 VDC
6.4 A
8.9 A
5.0 VDC/2.0 A
5.0 VDC/3.0 A
12.0 VDC/0.6 A
265 W
GCS265PS28
48.0 VDC
3.7 A
5.2 A
5.0 VDC/2.0 A
5.0 VDC/3.0 A
12.0 VDC/0.6 A
265 W
GCS265PS48
GCS265 Series
AC-DC Power Supplies
• 180 W Convection & 265 W Forced-cooled Ratings
• 5 V / 3 A Standby Output
• Universal 85 - 264 VAC Input
• IT & Medical Safety Approvals (Class I & II)
• -40° C to +70° C Operation
• Power Fail & Remote On/Off
• Class B Emissions
• 3 Year Warranty
265 Watts
SMD COMPONENT HEIGHT
1.43
(36.3)
0.15 (3.8)
4X
ø 0.156 (3.96) MOUNTING HOLES
ø 0.312 (7.92) CLEARANCE TOP AND BOTTOM
0.20 (5.1)
0.25 FASTON
GROUND TAB
0.225 (5.7)
5.00 (127.0)
0.20 (5.1)
4.550 (115.6)
3.50
(88.8)
0.48
(12.1)
2.55
(64.8)
2.40
(61.0)
0.14
(3.5)
1.53
(38.7)
2.65
(67.3)
J4
1
2
3 5
4
6
J2
1
1
2
J1
J3
1
2
1.05
(26.6)
0.37
(9.5)
Mechanical Details
Notes
1. For covered option, refer to page 7
Notes
1. To order power supply with optional cover fitted add suffix ‘-C’ to model number, e.g. GCS265PS24-C
The series has single output versions from 12 V to 48 VDC, dual-fusing for compliance with IEC60601-1 and feature minimal excess heat
generation as efficiencies reach 94%. They will deliver up to 265 W of power over an operating range of -40 °C to +70 °C and offer inhibit and
power fail signals.


Similar Part No. - GCS265

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GCS250PS12 XPPOWER-GCS250PS12 Datasheet
2Mb / 14P
AC-DC Power Supplies 150/180/250/350 Watts
GCS250PS15 XPPOWER-GCS250PS15 Datasheet
2Mb / 14P
AC-DC Power Supplies 150/180/250/350 Watts
GCS250PS24 XPPOWER-GCS250PS24 Datasheet
2Mb / 14P
AC-DC Power Supplies 150/180/250/350 Watts
GCS250PS28 XPPOWER-GCS250PS28 Datasheet
2Mb / 14P
AC-DC Power Supplies 150/180/250/350 Watts
GCS250PS48 XPPOWER-GCS250PS48 Datasheet
2Mb / 14P
AC-DC Power Supplies 150/180/250/350 Watts
More results

Similar Description - GCS265

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
AMD150PS12 XPPOWER-AMD150PS12 Datasheet
68Kb / 2P
AC-DC Power Supplies
AMM120PS12 XPPOWER-AMM120PS12 Datasheet
70Kb / 2P
AC-DC Power Supplies
AMM150PS12 XPPOWER-AMM150PS12 Datasheet
89Kb / 2P
AC-DC Power Supplies
DNR05US05 XPPOWER-DNR05US05 Datasheet
144Kb / 4P
AC-DC Power Supplies
DRS80US12 XPPOWER-DRS80US12 Datasheet
70Kb / 2P
AC-DC Power Supplies
ECM40US05 XPPOWER-ECM40US05 Datasheet
175Kb / 4P
AC-DC Power Supplies
JPS250PS05C XPPOWER-JPS250PS05C Datasheet
490Kb / 4P
AC-DC Power Supplies
MCM60US12-D9 XPPOWER-MCM60US12-D9 Datasheet
79Kb / 2P
AC-DC Power Supplies
PBM300PS03-C XPPOWER-PBM300PS03-C Datasheet
201Kb / 2P
AC-DC Power Supplies
SDR250AS05-F XPPOWER-SDR250AS05-F Datasheet
285Kb / 4P
AC-DC Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com