Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT2804 Datasheet(PDF) 6 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Backup Battery Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 6 Page - Active-Semi, Inc

Back Button ACT2804 Datasheet HTML 2Page - Active-Semi, Inc ACT2804 Datasheet HTML 3Page - Active-Semi, Inc ACT2804 Datasheet HTML 4Page - Active-Semi, Inc ACT2804 Datasheet HTML 5Page - Active-Semi, Inc ACT2804 Datasheet HTML 6Page - Active-Semi, Inc ACT2804 Datasheet HTML 7Page - Active-Semi, Inc ACT2804 Datasheet HTML 8Page - Active-Semi, Inc ACT2804 Datasheet HTML 9Page - Active-Semi, Inc ACT2804 Datasheet HTML 10Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Rev 2, Feb-04-2016
Innovative PowerTM
- 6 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2804
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Current Limit, Over Voltage Protection, Output Under Voltage Protection
Input Voltage Range
4.5
5.5
V
Input Over Voltage Protection
VIN rising, VIN_OVP
5.5
5.7
5.9
V
Input Over Voltage Hysteresis
VIN falling, VIN_OVP_HYST
290
mV
Input Under Voltage Lock-Out
VIN rising, VIN_UVLO
4.2
V
Input Under Voltage Lock-Out Hysteresis
VIN falling, VIN_UVLO_HYST
200
mV
Input Current Limit Setting Range
-10%
3.4
+10%
A
Output Under voltage protection (UVP)
VOUT falling, VOUT_UVP
3.65
V
Output Under Voltage Protection Hysteresis
VOUT rising, VOUT_UVP_HYST
200
mV
Q1 wait time in hiccup mode
3
s
Boost Mode/Charge Mode
Switching Frequency
-15%
400
+15%
KHz
Precondition Voltage Threshold of Each Cell
VBAT1,2 rising
2.8
V
Preconditioning current
Percentage of fast charge current
15
%
Boost Charger UVLO
VOUT rising, BST_UVLO
4.2
V
Battery End-Of-Charge Voltage
VBAT_EOC (ACT2804QJ-T)
-0.5%
4.2
+0.5%
V
VBAT_EOC (ACT2804QJ-T0435)
-0.5%
4.35
+0.5%
V
End of Charge Detection Current
Percentage of fast charge current
10
%
Buck mode/Discharge
Buck Under Voltage Lock-Out
VABT falling, VBAT1, 2
2.9
V
VOUT Output Regulation Voltage
REG3[1:0]=00
5.07
V
REG3[1:0]=01
5.12
V
REG3[1:0]=10
5.17
V
REG3[1:0]=11
5.22
V
VOUT1 and VOUT2 Current Limit
RCS1=25mΩ, ICC1
1.05
1.25
1.40
A
RCS2=25mΩ, ICC2
2.45
2.65
2.85
A
ELECTRICAL CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com