Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACT2804QJ-T Datasheet(PDF) 20 Page - Active-Semi, Inc

Part # ACT2804QJ-T
Description  5V/3.4A Dual Cell Backup Battery Power Manager
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804QJ-T Datasheet(HTML) 20 Page - Active-Semi, Inc

Back Button ACT2804QJ-T Datasheet HTML 12Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 13Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 14Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 15Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 16Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 17Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 18Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 19Page - Active-Semi, Inc ACT2804QJ-T Datasheet HTML 20Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
Rev 2, Feb-04-2016
Innovative PowerTM
- 20 -
www.active-semi.com
Copyright © 2016 Active-Semi, Inc.
ACT2804
QFN55-40 PACKAGE OUTLINE AND DIMENSIONS
Active-Semi, Inc. reserves the right to modify the circuitry or specifications without notice. Users should evaluate each
product to make sure that it is suitable for their applications. Active-Semi products are not intended or authorized for use
as critical components in life-support devices or systems. Active-Semi, Inc. does not assume any liability arising out of
the use of any product or circuit described in this datasheet, nor does it convey any patent license.
Active-Semi and its logo are trademarks of Active-Semi, Inc. For more information on this and other products, contact
sales@active-semi.com or visit http://www.active-semi.com.
is a registered trademark of Active-Semi.
SYMBOL
DIMENSION IN
MILLIMETERS
DIMENSION IN
INCHES
MIN
MAX
MIN
MAX
A
0.700
0.800
0.028
0.031
A1
0.000
0.050
0.000
0.002
A3
0.203 REF
0.008 REF
b
0.150
0.250
0.006
0.010
D
4.924
5.076
0.194
0.200
E
4.924
5.076
0.194
0.200
D1
3.300
3.500
0.130
0.138
E1
3.300
3.500
0.130
0.138
e
0.400 TYP
0.016 TYP
L
0.324
0.476
0.013
0.019
k
0.200 MIN
0.008 MIN
PACKAGE OUTLINE
D
E
PIN #1 DOT BY
MARKING
A3
A
A1
Top View
D/2
E/2
E1
D1
b
e
L
Bottom View
k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com