Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH3L06UFY Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH3L06UFY
Description  Automotive Turbo 2 ultrafast high voltage rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3L06UFY Datasheet(HTML) 4 Page - STMicroelectronics

  STTH3L06UFY Datasheet HTML 1Page - STMicroelectronics STTH3L06UFY Datasheet HTML 2Page - STMicroelectronics STTH3L06UFY Datasheet HTML 3Page - STMicroelectronics STTH3L06UFY Datasheet HTML 4Page - STMicroelectronics STTH3L06UFY Datasheet HTML 5Page - STMicroelectronics STTH3L06UFY Datasheet HTML 6Page - STMicroelectronics STTH3L06UFY Datasheet HTML 7Page - STMicroelectronics STTH3L06UFY Datasheet HTML 8Page - STMicroelectronics STTH3L06UFY Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
STTH3L06-Y
4/9
DocID026719 Rev 1
Figure 7. Reverse recovery charges versus
dIF/dt (typical values)
Figure 8. Reverse recovery softness factor
versus dIF/dt (typical values)
QnC
RR()
0
50
100
150
200
250
300
350
400
450
500
0
20
40
60
80
100
120
140
160
180
200
dI /dt A/µ
F
(s)
I = 0.5 x I (av)
FF
I = I (av)
FF
I = 2 x I (av)
FF
V = 400 V
R
T = 125 °C
j
Sfactor
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
20
40
60
80
100
120
140
160
180
200
IF = IF(AV)
VR = 400 V
Tj = 125 °C
dI /dt A/µ
F
(s)
Figure 9. Relative variation of dynamic
parameters versus junction temperature
Figure 10. Transient peak forward voltage
versus dIF/dt (typical values)
0.00
0.25
0.50
0.75
1.00
1.25
25
50
75
100
125
I = I (av)
FF
V = 400 V
R
Reference: T = 125 °C
j
T°C
j()
Sfactor
IRM
QRR
VV
FP()
0
2
4
6
8
10
20
40
60
80
100
120
140
160
180
200
dI /dt A/µ
F
(s)
I= I
F
F(AV)
T = 125 °C
j
Figure 11. Forward recovery time versus dIF/dt
(typical values)
Figure 12. Junction capacitance versus reverse
voltage applied (typical values)
tns)
FR(
0
20
40
60
80
100
120
140
160
20
40
60
80
100
120
140
160
180
200
dI /dt A/µ
F
(s)
I= I
F
F(AV)
V
= 1.6 V
FR
T = 125 °C
j
CpF)
(
1
10
100
1
10
100
1000
F = 1 MHz
V
= 30 mV
osc
RMS
T = 25 °C
j
VR(V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com