Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPTIC-27F1C5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPTIC-27F1C5
Description  Parascan tunable integrated capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-27F1C5 Datasheet(HTML) 3 Page - STMicroelectronics

  STPTIC-27F1C5 Datasheet HTML 1Page - STMicroelectronics STPTIC-27F1C5 Datasheet HTML 2Page - STMicroelectronics STPTIC-27F1C5 Datasheet HTML 3Page - STMicroelectronics STPTIC-27F1C5 Datasheet HTML 4Page - STMicroelectronics STPTIC-27F1C5 Datasheet HTML 5Page - STMicroelectronics STPTIC-27F1C5 Datasheet HTML 6Page - STMicroelectronics STPTIC-27F1C5 Datasheet HTML 7Page - STMicroelectronics STPTIC-27F1C5 Datasheet HTML 8Page - STMicroelectronics STPTIC-27F1C5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DocID028611 Rev 1
3/10
STPTIC-27L2
Electrical characteristics
10
Table 3. Representative performance (Tamb = 25 °C otherwise specified)
Symbol
Parameter
Conditions
Value
Unit
Min. Typ. Max.
C1V
capacitance at 1 V bias
STPTIC-27L2
2.8
3.2
3.58
pF
C2V
capacitance at 2 V bias
STPTIC-27L2
2.43
2.7
2.97
pF
C20V
capacitance at 20V bias
STPTIC-27L2
0.63 0.69
0.75
pF
C24V
capacitance at 24 V bias
STPTIC-27L2
0.56 0.61
0.66
pF
∆C
Tuning range
Ratio between C1V/C24V
(1)
5/1
IL
Leakage current
Measured with Vbias = 24 V
100
nA
QLB
Quality factor
Measured at 700 MHz at 2 V
50
55
QHB
Quality factor
Measured at 2700 MHz at 2 V
35
40
IP3
Third order intercept point
Vbias = 1 V
(2)(4)
60
dBm
Vbias = 24 V
(2)(4)
80
Vbias = 20 V
(2)(4)
80
H2
Second harmonic
Vbias = 1 V
(3)(4)
-70
-65
dBm
Vbias = 24 V
(3)(4)
-80
-75
Vbias = 20 V
(3)(4)
-65
H3
Third harmonic
Vbias = 1 V
(3)(4)
-55
-45
dBm
Vbias = 24 V
(3)(4)
-85
-70
Vbias = 20 V
(3)(4)
-70
tT
Transition time
Average for any transition between Cmin to Cmax
(5)
50
µs
Average transition between Cmax to Cmin
(5)
30
1.
Measured at low frequency
2.
F1 = 894 MHz, F2 = 849 MHz, P1 = +25 dBm, P2 = +25 dBm, 2f1 - f2 = 939 MHz
3.
850 MHz, Pin = +34 dBm, CW
4.
IP3 and harmonics are measured in the shunt configuration in a 50
Ω environment
5.
One or both of RFin and RFout must be connected to DC ground, using the HVDAC turbo mode



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com