Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW65N65DM2AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STW65N65DM2AG
Description  Automotive-grade N-channel 650 V, 0.042 Ω typ., 60 A Power MOSFET MDmesh™ DM2 in a TO-247 package
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW65N65DM2AG Datasheet(HTML) 1 Page - STMicroelectronics

  STW65N65DM2AG Datasheet HTML 1Page - STMicroelectronics STW65N65DM2AG Datasheet HTML 2Page - STMicroelectronics STW65N65DM2AG Datasheet HTML 3Page - STMicroelectronics STW65N65DM2AG Datasheet HTML 4Page - STMicroelectronics STW65N65DM2AG Datasheet HTML 5Page - STMicroelectronics STW65N65DM2AG Datasheet HTML 6Page - STMicroelectronics STW65N65DM2AG Datasheet HTML 7Page - STMicroelectronics STW65N65DM2AG Datasheet HTML 8Page - STMicroelectronics STW65N65DM2AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
August 2015
DocID028164 Rev 1
1/12
This is information on a product in full production.
www.st.com
STW65N65DM2AG
Automotive-grade N-
channel 650 V, 0.042 Ω typ., 60 A
Power MOSFET MDmesh™ DM2 in a TO-247 package
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)
max.
ID
PTOT
STW65N65DM2AG
650 V
0.05 Ω
60 A
446 W
•
Designed for automotive applications and
AEC-Q101 qualified
•
Fast-recovery body diode
•
Extremely low gate charge and input
capacitance
•
Low on-resistance
•
100% avalanche tested
•
Extremely high dv/dt ruggedness
•
Zener-protected
Applications
•
Switching applications
Description
This high voltage N-channel Power MOSFET is
part of the MDmesh™ DM2 fast recovery diode
series. It offers very low recovery charge (Qrr)
and time (trr) combined with low RDS(on), rendering
it suitable for the most demanding high efficiency
converters and ideal for bridge topologies and
ZVS phase-shift converters.
Table 1: Device summary
Order code
Marking
Package
Packing
STW65N65DM2AG
65N65DM2
TO-247
Tube
TO-247
1
2
3


Similar Part No. - STW65N65DM2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW65N60DM6 STMICROELECTRONICS-STW65N60DM6 Datasheet
340Kb / 14P
N-channel 600 V, 60 mΩ typ., 46 A MDmesh DM6 Power MOSFETs in a TO-247 and TO-247 long leads packages
May 2021
More results

Similar Description - STW65N65DM2AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW62N65M5 STMICROELECTRONICS-STW62N65M5 Datasheet
885Kb / 14P
Automotive-grade N-channel 650 V, 0.041 typ., 46 A MDmesh V Power MOSFET in a TO-247 package
19-Jun-2013
STW37N60DM2AG STMICROELECTRONICS-STW37N60DM2AG Datasheet
705Kb / 12P
Automotive-grade N-channel 600 V, 0.094 Ω typ., 28 A MDmesh™ DM2 Power MOSFET in a TO-247 package
August 2015 Rev 1
STW50N65DM2AG STMICROELECTRONICS-STW50N65DM2AG Datasheet
768Kb / 12P
Automotive-grade N-channel 650 V, 0.070 Ω typ., 38 A Power MOSFET MDmesh™ DM2 in a TO-247 package
09-Jul-2015
STW56N65DM2 STMICROELECTRONICS-STW56N65DM2 Datasheet
719Kb / 12P
N-channel 650 V, 0.058 Ω typ., 48 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Sep-2015
STW58N60DM2AG STMICROELECTRONICS-STW58N60DM2AG Datasheet
728Kb / 12P
Automotive-grade N-channel 600 V, 0.052 Ω typ., 50 A MDmesh™ DM2 Power MOSFET in a TO-247 package
20-Jul-2015
STW58N65DM2AG STMICROELECTRONICS-STW58N65DM2AG Datasheet
718Kb / 12P
Automotive-grade N-channel 650 V, 0.058 Ω typ., 48 A MDmesh™ DM2 Power MOSFET in a TO-247 package
15-Sep-2015
STW35N65DM2 STMICROELECTRONICS-STW35N65DM2 Datasheet
262Kb / 12P
N-channel 650 V, 93 m typ., 32 A MDmesh DM2 Power MOSFET in a TO-247 package
31-Aug-2020
STWA63N65DM2 STMICROELECTRONICS-STWA63N65DM2 Datasheet
329Kb / 12P
N-channel 650 V, 0.042 typ., 60 A MDmesh™ DM2 Power MOSFET in a TO-247 long leads package
April 2018 Rev 1
STWA65N65DM2AG STMICROELECTRONICS-STWA65N65DM2AG Datasheet
324Kb / 12P
Automotive-grade N-channel 650 V, 42 m typ., 60 A MDmesh DM2 Power MOSFET in a TO-247 long leads package
25-May-2020
STW70N65M2 STMICROELECTRONICS-STW70N65M2 Datasheet
716Kb / 12P
N-channel 650 V, 0.039 Ω typ., 63 A MDmesh™ M2 Power MOSFET in a TO-247 package
04-Feb-2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com