Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMC567CM/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LMC567CM/NOPB
Description  Low-Power Tone Decoder
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMC567CM/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LMC567CM/NOPB Datasheet HTML 1Page - Texas Instruments LMC567CM/NOPB Datasheet HTML 2Page - Texas Instruments LMC567CM/NOPB Datasheet HTML 3Page - Texas Instruments LMC567CM/NOPB Datasheet HTML 4Page - Texas Instruments LMC567CM/NOPB Datasheet HTML 5Page - Texas Instruments LMC567CM/NOPB Datasheet HTML 6Page - Texas Instruments LMC567CM/NOPB Datasheet HTML 7Page - Texas Instruments LMC567CM/NOPB Datasheet HTML 8Page - Texas Instruments LMC567CM/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
0 9 V
0 2 V
0 5 V
f |
f |
100
7 f |
u
LMC567
SNOSBY1C – JUNE 1999 – REVISED DECEMBER 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Input voltage
IN
2
Vp–p
Supply voltage
VCC
10
V
Output voltage
OUT
13
V
Output current
OUT
30
mA
Package dissipation
500
mW
Operating temperature, TA
–25
125
°C
Storage temperature, Tstg
–55
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
7.2 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage
2
9
V
FIN
Input frequency
1
500
Hz
TA
Operating temperature
–25
125
°C
7.3 Thermal Information
LMC567
THERMAL METRIC(1)
D (SOIC)
UNIT
8 PINS
RθJA
Junction-to-ambient thermal resistance
111.8
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
59.2
°C/W
RθJB
Junction-to-board thermal resistance
52.2
°C/W
ψJT
Junction-to-top characterization parameter
13.5
°C/W
ψJB
Junction-to-board characterization parameter
51.7
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
7.4 Electrical Characteristics
Test Circuit, TA = 25°C, Vs = 5 V, RtCt #2, Sw. 1 Pos. 0, and no input, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Vs = 2 V
0.3
RtCt #1, quiescent
I4
Power supply current
Vs = 5 V
0.5
0.8
mAdc
or activated
Vs = 9 V
0.8
1.3
V3
Input D.C. bias
0
mVdc
R3
Input resistance
40
k
Ω
I8
Output leakage
1
100
nAdc
Vs = 2 V
98
Center frequency,
RtCt #2, measure oscillator
f0
Vs = 5 V
92
103
113
kHz
Fosc ÷ 2
Frequency and divide by 2
Vs = V
105
Center frequency
Δf0
1
2
%/V
shift with supply
(1)
4
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LMC567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com