Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSF0204DRUTR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LSF0204DRUTR
Description  4-Bits Bidirectional Multi-Voltage Level Translator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LSF0204DRUTR Datasheet(HTML) 12 Page - Texas Instruments

Back Button LSF0204DRUTR Datasheet HTML 8Page - Texas Instruments LSF0204DRUTR Datasheet HTML 9Page - Texas Instruments LSF0204DRUTR Datasheet HTML 10Page - Texas Instruments LSF0204DRUTR Datasheet HTML 11Page - Texas Instruments LSF0204DRUTR Datasheet HTML 12Page - Texas Instruments LSF0204DRUTR Datasheet HTML 13Page - Texas Instruments LSF0204DRUTR Datasheet HTML 14Page - Texas Instruments LSF0204DRUTR Datasheet HTML 15Page - Texas Instruments LSF0204DRUTR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
EN
A1
A2
B1
B2
Vcc
Rpu
Rpu
SDA
SCL
Vcc
SDA
SCL
GND
Rpu
Rpu
A3
A4
B3
B4
ON
Off
1.8 V
enable signal
SW
SW
SW
SW
LSF0204
Vpu_2 = 1.8 V
Vrev_A = 1.8 V Vrev_B = 3.3 V
Vpu_1 = 3.3 V
LSF0204, LSF0204D
SLVSCP5D – JULY 2014 – REVISED DECEMBER 2015
www.ti.com
11 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
11.1 Application Information
LSF performs voltage translation for open-drain or push-pull interface. Table 2 provides some consumer/telecom
interfaces as reference in regards to the different channel numbers that are supported by the LSF family.
Table 2. Voltage Translator for Consumer/Telecom Interface
PART NAME
CH#
INTERFACE
LSF0101
1
GPIO
LSF0102
2
GPIO, MDIO, SMBus, PMBus, I2C
LSF0204
4
GPIO, SPI. MDIO, SMBus, PMBus, I2C, UART, SVID
LSF0108
8
GPIO, MDIO, SDIO, SVID, UART, SMBus, PMBus, I2C, SPI
11.2 Typical Applications
11.2.1 I2C PMBus, SMBus, GPIO, Application
Figure 9. Bidirectional Translation to Multiple Voltage Levels
11.2.1.1 Design Requirements
11.2.1.1.1
Enable, Disable, and Reference Voltage Guidelines
The LSF family has an EN input that is used to disable the device by setting EN LOW, which places all I/Os in
the high-impedance state. Since LSF family is switch-type voltage translator, the power consumption is very low.
It is recommended to always enable LSF family for bidirectional application (I2C, SMBus, PMBus, or MDIO).
12
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: LSF0204 LSF0204D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com