Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPTIC-27G2H5 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STPTIC-27G2H5
Description  Parascan tunable integrated capacitor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPTIC-27G2H5 Datasheet(HTML) 2 Page - STMicroelectronics

  STPTIC-27G2H5 Datasheet HTML 1Page - STMicroelectronics STPTIC-27G2H5 Datasheet HTML 2Page - STMicroelectronics STPTIC-27G2H5 Datasheet HTML 3Page - STMicroelectronics STPTIC-27G2H5 Datasheet HTML 4Page - STMicroelectronics STPTIC-27G2H5 Datasheet HTML 5Page - STMicroelectronics STPTIC-27G2H5 Datasheet HTML 6Page - STMicroelectronics STPTIC-27G2H5 Datasheet HTML 7Page - STMicroelectronics STPTIC-27G2H5 Datasheet HTML 8Page - STMicroelectronics STPTIC-27G2H5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Electrical characteristics
STPTIC-27L2
2/10
DocID028611 Rev 1
1
Electrical characteristics
Table 1. Absolute maximum ratings (limiting values)
Symbol
Parameter
Rating
Unit
PIN
Input peak power RFIN (CW mode)/all RF ports
+40
dBm
VESD(HBM)
Human body model, JESD22-A114-B, all I/O
Class 1B(1)
1.
Class 1B defined as passing 500 V, but fails after exposure to 1000V ESD pulse.
V
VESD(MM)
Machine model, JESD22-A115-A, all I/O
100
V
Tdevice
Device temperature
+125
°C
Tstg
Storage temperature
-55 to +150
Vx
Bias voltage
25
V
Table 2. Recommended operating conditions
Symbol
Parameter
Rating
Unit
Min.
Typ.
Max.
PIN
RF input power
+33
+39
dBm
FOP
Operating frequency
700
2700
MHz
Tdevice
Device temperature
+100
°C
TOP
Operating temperature
-30
+85
VBIAS
Bias voltage
1
24
V



Html Pages

1 2 3 4 5 6 7 8 9 10