| Electronic Components Datasheet Search |
|
STPTIC-56G2H5 Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STPTIC-56G2H5 Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 10 page ![]() Electrical characteristics STPTIC-27L2 2/10 DocID028611 Rev 1 1 Electrical characteristics Table 1. Absolute maximum ratings (limiting values) Symbol Parameter Rating Unit PIN Input peak power RFIN (CW mode)/all RF ports +40 dBm VESD(HBM) Human body model, JESD22-A114-B, all I/O Class 1B(1) 1. Class 1B defined as passing 500 V, but fails after exposure to 1000V ESD pulse. V VESD(MM) Machine model, JESD22-A115-A, all I/O 100 V Tdevice Device temperature +125 °C Tstg Storage temperature -55 to +150 Vx Bias voltage 25 V Table 2. Recommended operating conditions Symbol Parameter Rating Unit Min. Typ. Max. PIN RF input power +33 +39 dBm FOP Operating frequency 700 2700 MHz Tdevice Device temperature +100 °C TOP Operating temperature -30 +85 VBIAS Bias voltage 1 24 V |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |