Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VD5377CBUW Datasheet(PDF) 78 Page - STMicroelectronics

Part # VD5377CBUW
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CBUW Datasheet(HTML) 78 Page - STMicroelectronics

Back Button VD5377CBUW Datasheet HTML 74Page - STMicroelectronics VD5377CBUW Datasheet HTML 75Page - STMicroelectronics VD5377CBUW Datasheet HTML 76Page - STMicroelectronics VD5377CBUW Datasheet HTML 77Page - STMicroelectronics VD5377CBUW Datasheet HTML 78Page - STMicroelectronics VD5377CBUW Datasheet HTML 79Page - STMicroelectronics VD5377CBUW Datasheet HTML 80Page - STMicroelectronics VD5377CBUW Datasheet HTML 81Page - STMicroelectronics VD5377CBUW Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 88 page
background image
I2C register map
VD5377
78/88
Doc ID 022952 Rev 2
43
EXPOSURE_
CONTROL
autoexpo_en
0
RW
01
Auto exposure control
0 = Disable
1 = Enable
autoexpo_status
6:4
R
00
Auto exposure status
0 = UNDEF (no AEC performed
yet)
1 = LOW (exposure increasing)
2 = STABLE (max exp pix within
range)
3 = HIGH (exposure
decreasing)
4 = SATURATED (exposure
saturation decreasing)
autoexpo_limit_flag
7
R
00
Exposure limit reached flag
0 = Exposure time within range
1 = Exposure time limit reached
44
MAX_EXPO_PIX
max_exposed_pixel_
value
7:0
PR
00
Second maximum pixel value of
the current frame (before CDS)
45
MAX_EXPO_PIX_
THRESH_HIGH
max_exposed_pixel_
thresh_high
7:0
RW
f0
High threshold value of max
exposed pixel where the AEC is
stable.
46
MAX_EXPO_PIX_
THRESH_LOW
max_exposed_pixel_
thresh_low
7:0
RW
b4
Low threshold value of max
exposed pixel where the AEC is
stable.
47
EXPOTIME
exposure_time
7:0
PRW
40
Exposure time value in 3MHz
clk period step (333ns)
49
EXPOTIME_MAX
exposure_time_max
7:0
RW
ff
Maximum exposure time
applied by the AEC.
4a
EXPOTIME_MIN
exposure_time_min
7:0
RW
01
Minimum exposure time applied
by the AEC.
4b
EXPO_FRAME_
UPDATE
autoexpo_frame_
update
7:0
RW
01
Exposure update frequency
(every N + 1 frames). Default is
every two frames.
4e
EXPOTIME_INC_
STEP
expo_inc_step
7:0
RW
04
Exposure increment step (used
when below
max_expo_pix_thresh_low)
4f
EXPOTIME_DEC_
STEP
expo_dec_step
7:0
RW
04
Exposure decrement step (used
when above
max_expo_pix_thresh_high)
50
EXPOTIME_SAT_
DEC_STEP
expo_sat_dec_step
7:0
RW
10
Exposure decrement step (used
when above max_expo_pix is
saturated = 255)
Table 38. I2C register map (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com