Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC1G19DBVR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G19DBVR
Description  1-of-2 Decoder and Demultiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G19DBVR Datasheet(HTML) 27 Page - Texas Instruments

Back Button SN74LVC1G19DBVR Datasheet HTML 21Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 22Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 23Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 24Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 25Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 26Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 27Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 28Page - Texas Instruments SN74LVC1G19DBVR Datasheet HTML 29Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
6X (
)
0.225
(0.5) TYP
(0.5) TYP
(
)
METAL
0.225
0.05 MAX
SOLDER MASK
OPENING
METAL
UNDER
MASK
(
)
SOLDER MASK
OPENING
0.225
0.05 MIN
4219524/A 06/2014
DSBGA - 0.5 mm max height
YZP0006
DIE SIZE BALL GRID ARRAY
NOTES: (continued)
4. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For more information, see Texas Instruments literature number SBVA017 (www.ti.com/lit/sbva017).
SYMM
SYMM
LAND PATTERN EXAMPLE
SCALE:40X
1
2
A
B
C
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK DETAILS
NOT TO SCALE
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com