Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SN74LVC1G19DRLRG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G19DRLRG4
Description  1-of-2 Decoder and Demultiplexer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G19DRLRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC1G19DRLRG4 Datasheet HTML 3Page - Texas Instruments SN74LVC1G19DRLRG4 Datasheet HTML 4Page - Texas Instruments SN74LVC1G19DRLRG4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G19DRLRG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G19DRLRG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G19DRLRG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G19DRLRG4 Datasheet HTML 9Page - Texas Instruments SN74LVC1G19DRLRG4 Datasheet HTML 10Page - Texas Instruments SN74LVC1G19DRLRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0.00
4.00
8.00
12.00
16.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
V
CC Supply Voltage (V)
C001
tpd (Œ}u}Œ"š}z
CL= 15 pF
0.00
4.00
8.00
12.00
16.00
0.00
1.00
2.00
3.00
4.00
5.00
6.00
V
CC Supply Voltage (V)
C001
tpd (Œ}u}Œ"š}z
CL= 30 pF to 50 pF
SN74LVC1G19
www.ti.com
SCES464G – JUNE 2003 – REVISED AUGUST 2015
6.9 Typical Characteristics
Figure 1. Time Propagation Delay vs VCC, CL= 15 pF
Figure 2. Time Propagation Delay vs VCC, CL= 30 pF or
50 pF
Copyright © 2003–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVC1G19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com