Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TWM280 Datasheet(PDF) 3 Page - Tumbler Technologies + TRUMPower

Part # TWM280
Description  280W Medical and ITE Grade AC/DC Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TWM280 Datasheet(HTML) 3 Page - Tumbler Technologies + TRUMPower

  TWM280 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TWM280 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TWM280 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TWM280 Series
280W Medical & ITE Grade AC/DC Power Supplies
TWM280_2015-01-11
INPUT & OUTPUT CONNECTORS
Input Connector: CN1
JST B2P3-VH pitch: 3.96mm or
equivalent, mates with JST VAR-2 or
equivalent
#
n
i
P
l
a
n
g
i
S
1e
n
i
L
C
A
2l
a
r
t
u
e
N
C
A
Fan Output Connector: CN2
JST B2B-XH-A pitch: 2.5mm or
equivalent, mates with JST XHP-2 or
equivalent
#
n
i
P
l
a
n
g
i
S
1+
n
a
F
V
2
1
+
2-
n
a
F
D
N
G
Remote Control & Standby: CN4
JST B4B-XH-A pitch: 2.5mm or
equivalent, mates with JST XHP-4 or
equivalent
#
n
i
P
l
a
n
g
i
S
1D
N
G
2
t
i
b
i
h
n
I
)
l
o
r
t
n
o
C
e
t
o
m
e
R
(
3b
s
V
5
+
4D
N
G
Inhibit ---> Logic Level HIGH (5V) or Floating: Enable; Logic Level LOW: Disable
GND
INHIBIT (Remote control)
+5VSB
GND
+12V FAN+
CN2&CN4
GND FAN-
Main Output Connector: CN3
Terminal Block (Suffix "T"):
4-pole terminal block, 8.25mm pitch,
20A/300V or equivalent
#
n
i
P
l
a
n
g
i
S
1D
N
G
2D
N
G
3V
+
4V
+
JST Connector (Suffix "J"):
JST B8P-VH-B, 3.96mm @@pitch or
equivalent, mates with JST VHR-8N
or equivalent
#
n
i
P
l
a
n
g
i
S
1D
N
G
2D
N
G
3D
N
G
4D
N
G
5V
+
6V
+
7V
+
8V
+
Mini-Fit Connector (Suffix "M"):
12 pin mini fit pitch: 4.2mm.
Molex P/N: 39-28-1123 or equivalent.
#
n
i
P
l
a
n
g
i
S
1V
+
2V
+
3V
+
4D
N
G
5D
N
G
6D
N
G
7V
+
8V
+
9V
+
0
1D
N
G
1
1D
N
G
2
1D
N
G



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com