Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN5E006ASPTR-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VN5E006ASPTR-E
Description  Single channel high-side driver with analog current sense for automotive applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN5E006ASPTR-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VN5E006ASPTR-E Datasheet HTML 7Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 8Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 9Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 10Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 11Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 12Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 13Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 14Page - STMicroelectronics VN5E006ASPTR-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
DocID17753 Rev 9
11/38
VN5E006ASP-E
Electrical specifications
37
Table 9. Current sense (8 V < VCC < 18 V)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
K0
IOUT/ISENSE
IOUT = 5 A; VSENSE = 0.5 V;
VDE = 5 V; Tj = -40 °C...150 °C
7350 10700 14590
dK0/K0
(1)
Current sense ratio
drift
IOUT = 5 A; VSENSE = 0.5 V;
VDE = 5 V; Tj = -40 °C to 150 °C
-12
12
%
K1
IOUT/ISENSE
IOUT = 10 A; VSENSE = 4 V
VDE = 5 V
Tj = -40 °C...150 °C
Tj = 25 °C...150 °C
7490
8240
10500
10500
13930
12815
dK1/K1
(1)
Current sense ratio
drift
IOUT = 10 A; VSENSE = 4 V;
VDE = 5 V; Tj = -40 °C to 150 °C
-12
12
%
K2
IOUT/ISENSE
IOUT =15 A; VSENSE = 4 V
VDE = 5 V
Tj = -40 °C...150 °C
Tj = 25 °C...150 °C
8340
8680
10400
10400
12760
12070
dK2/K2
(1)
Current sense ratio
drift
IOUT = 15 A; VSENSE = 4 V;
VDE = 5 V; Tj = -40°C to 150°C
-8
8
%
K3
IOUT/ISENSE
IOUT = 25 A; VSENSE = 4 V
VDE = 5 V
Tj = -40 °C...150 °C
Tj = 25 °C...150 °C
8785
8965
10300
10300
11950
11545
dK3/K3
(1)
Current sense ratio
drift
IOUT = 25 A; VSENSE = 4 V;
VDE = 5 V; Tj = -40 °C to 150 °C
-6
6
%
ISENSE0
Analog sense leakage
current
IOUT = 0 A; VSENSE = 0 V;
VDE = 0 V; VIN = 0 V;
Tj = -40 °C...150 °C
01
µA
IOUT = 0 A; VDE = 5 V; VIN = 5 V;
VSENSE = 0 V
Tj = -40 °C...150 °C
02
IOUT = 10 A; VDE = 0 V;
VSENSE = 0 V; VIN = 5 V;
01
IOL
Open-load on state
current detection
threshold
VIN = 0 V, 8 V< VCC < 18 V;
ISENSE = 5 µA
10
100
mA
VSENSE
Max analog sense
output voltage
IOUT = 25 A; VDE = 5 V;
RSENSE = 3.9 KΩ
5V
VSENSEH
(2)
Analog sense output
voltage in fault
conditions
VCC = 13 V; RSENSE = 10 KΩ
8V
ISENSEH
(1)
Analog sense output
current in fault
conditions
VCC = 13 V; VSENSE = 5 V
9
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com