Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VN7007AH Datasheet(PDF) 16 Page - STMicroelectronics

Part # VN7007AH
Description  High-side driver with CurrentSense analog feedback
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN7007AH Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VN7007AH Datasheet HTML 12Page - STMicroelectronics VN7007AH Datasheet HTML 13Page - STMicroelectronics VN7007AH Datasheet HTML 14Page - STMicroelectronics VN7007AH Datasheet HTML 15Page - STMicroelectronics VN7007AH Datasheet HTML 16Page - STMicroelectronics VN7007AH Datasheet HTML 17Page - STMicroelectronics VN7007AH Datasheet HTML 18Page - STMicroelectronics VN7007AH Datasheet HTML 19Page - STMicroelectronics VN7007AH Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Electrical specification
VN7007AH
Figure 10: IGND(ON) vs Tcase
Figure 11: Logic Input high level voltage
Figure 12: Logic Input low level voltage
Figure 13: High level logic input current
Figure 14: Low level logic input current
Figure 15: Logic Input hysteresis voltage
GAPG2204151021CFT
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
-50
-25
0
25
50
75
100
125
150
175
T [°C]
IGND (ON) [mA]
Vcc = 13V
Iou t = 6A
GAPG2204151022CFT
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ViH, VSE nH [V]
GAPG2204151023CFT
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
T [°C]
ViL, VSE nL [V]
GAPG2204151025CFT
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
150
175
T [°C]
IiH, ISE nH [µA]
GAPG2204151026CFT
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
150
175
T [°C]
IiL, ISE nL [µA]
GAPG2204151027CFT
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
T [°C]
Vi(hyst), VSE n(hyst) [V]
16/37
DocID027957 Rev 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com