Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND5004DSP30 Datasheet(PDF) 25 Page - STMicroelectronics

Part # VND5004DSP30
Description  Double 4m high-side driver with analog CurrentSense
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5004DSP30 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VND5004DSP30 Datasheet HTML 20Page - STMicroelectronics VND5004DSP30 Datasheet HTML 21Page - STMicroelectronics VND5004DSP30 Datasheet HTML 22Page - STMicroelectronics VND5004DSP30 Datasheet HTML 23Page - STMicroelectronics VND5004DSP30 Datasheet HTML 24Page - STMicroelectronics VND5004DSP30 Datasheet HTML 25Page - STMicroelectronics VND5004DSP30 Datasheet HTML 26Page - STMicroelectronics VND5004DSP30 Datasheet HTML 27Page - STMicroelectronics VND5004DSP30 Datasheet HTML 28Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
DocID027939 Rev 2
25/28
VND5004DSP30
Package and packing information
27
Figure 30. MultiPowerSO-30 tape and reel shipment (suffix “TR”)
Reel dimension
Dimension
mm
Base Q.ty
1000
Bulk Q.ty
1000
A (max)
330
B (min)
1.5
C (± 0.2)
13
D (min)
20.2
G (+ 2 / -0)
32
N (min)
100
T (max)
38.4
Top
cover
tape
Start
No components
No components
Components
500 mm min
500 mm min
Empty components pockets
User direction of feed
Tape dimensions
According to Electronic Industries Association (EIA)
Standard 481 rev. A, Feb 1986
Description
Dimension
mm
Tape width
W
32
Tape Hole Spacing
P0 (± 0.1)
4
Component Spacing
P
24
Hole Diameter
D (± 0.1/-0)
1.5
Hole Diameter
D1 (min)
2
Hole Position
F (± 0.1)
14.2
Compartment Depth
K (max)
2.2
Hole Spacing
P1 (± 0.1)
2
End



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com