Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VS6663CCQ05I Datasheet(PDF) 39 Page - STMicroelectronics

Part # VS6663CCQ05I
Description  1.3 megapixel camera module
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VS6663CCQ05I Datasheet(HTML) 39 Page - STMicroelectronics

Back Button VS6663CCQ05I Datasheet HTML 35Page - STMicroelectronics VS6663CCQ05I Datasheet HTML 36Page - STMicroelectronics VS6663CCQ05I Datasheet HTML 37Page - STMicroelectronics VS6663CCQ05I Datasheet HTML 38Page - STMicroelectronics VS6663CCQ05I Datasheet HTML 39Page - STMicroelectronics VS6663CCQ05I Datasheet HTML 40Page - STMicroelectronics VS6663CCQ05I Datasheet HTML 41Page - STMicroelectronics VS6663CCQ05I Datasheet HTML 42Page - STMicroelectronics VS6663CCQ05I Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
Doc ID028526 Rev 1
39/63
VS6663CC
Video timing
46
Figure 14. Analog crop
The host must ensure the following rules are kept:
•
the end address must be greater than the start address
•
the x and y start addresses are restricted to even numbers only, and the x and y end
addresses are restricted to odd numbers only, to ensure that there is always a even
number of pixels read-out
6.1.2
Binning
The VS6663CC also has a binning mode that offers a reduced size full field of view image.
The binning mode averages row and column pixel data.
The binning mode results in a reduced number of lines and so can be used to give a higher
image frame rate. Compared to subsampling, binning makes use of the light gathered from
the whole pixel array and it results in higher image quality.
The binning mode will scale by 2x2 in the X and Y direction. Entering and exiting binning
mode may or may not be performed when the sensor is in software standby.
Table 23 summarizes the register setting for enabling binning mode. (The x/y_odd_inc
registers are automatically set and do not require to be set by the user.)
y_addr_max = 975
x_addr_max = 1295
y_addr_min = 0
x_addr_min = 0
x_addr_max, y_addr_max
x_addr_end, y_addr_end
Addressed
pixel array region
x_addr_start, y_addr_start
x_addr_min, y_addr_min
Table 23. Binning register settings
Register
Address
Normal
Binning 2x2
binning_mode
0x0900
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com